Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HM8563 Datasheet(PDF) 12 Page - Shenzhen Huazhimei Semiconductor Co., Ltd

Part # HM8563
Description  OA equipments such as Fax machines
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HMSEMI [Shenzhen Huazhimei Semiconductor Co., Ltd]
Direct Link  http://www.hmsemi.com/
Logo HMSEMI - Shenzhen Huazhimei Semiconductor Co., Ltd

HM8563 Datasheet(HTML) 12 Page - Shenzhen Huazhimei Semiconductor Co., Ltd

Back Button HM8563 Datasheet HTML 8Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM8563 Datasheet HTML 9Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM8563 Datasheet HTML 10Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM8563 Datasheet HTML 11Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM8563 Datasheet HTML 12Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM8563 Datasheet HTML 13Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM8563 Datasheet HTML 14Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM8563 Datasheet HTML 15Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM8563 Datasheet HTML 16Page - Shenzhen Huazhimei Semiconductor Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 22 page
background image
• 11 •
00
4096
01
64
10
1
11
1/60
Table 27 Timer countdown value register bits description
0FH
Symbol
Description
b7~b0
<timer countdown value>
countdown value n, the counter’s period is “”n/
fCLK”
2.8 EXT_CLK test mode
A test mode is available which allows for on-board testing. In this mode it is possible to set
up test conditions and control the operation of the RTC.
The test mode is entered by setting bit TEST1 in the Control/Status1 register. The
CLKOUT pin then becomes an input. The test mode replaces the internal 64 Hz signal with the
signal that is applied to the CLKOUT pin. Every 64 positive edges applied to CLKOUT will then
generate an increment of one second.
The signal applied to the CLKOUT pin should have a minimum pulse width of 300 ns and
a minimum period of 1000 ns. The internal 64 Hz clock, now sourced from CLKOUT, is divided
down to 1 Hz by a 26 divide chain called a pre-scaler. The pre-scaler can be set into a known
state by using the STOP bit. When the STOP bit is set, the pre-scaler is reset to 0. STOP must
be cleared before the pre-scaler can operate again. From a STOP condition, the first 1 s
increment will take place after 32 positive edges on CLKOUT. Thereafter, every 64 positive
edges will cause a 1 s increment.
Remark: Entry into EXT_CLK test mode is not synchronized to the internal 64 Hz clock.
When entering the test mode, no assumption as to the state of the pre-scaler can be made.
You can operate in the following steps:
1. Enter the EXT_CLK test mode; set bit 7 of Control/Status 1 register (TEST = 1)
2. Set bit 5 of Control/Status 1 register (STOP = 1)
3. Clear bit 5 of Control/Status 1 register (STOP = 0)
4. Set time registers (Seconds, Minutes, Hours, Days, Weekdays, Months/Century and
Years) to desired value
5. Apply 32 clock pulses to CLKOUT
6. Read time registers to see the first change
7. Apply 64 clock pulses to CLKOUT
8. Read time registers to see the second change.
Repeat steps 7 and 8 for additional increments if necessary.
2.9 Power-On Reset override mode
The POR duration is directly related to the crystal oscillator start-up time. Due to the long
HM8563



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com