Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HMC8411LP2FE Datasheet(PDF) 18 Page - Analog Devices

Part # HMC8411LP2FE
Description  Low Noise Amplifier, 0.01 GHz to 10 GHz
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

HMC8411LP2FE Datasheet(HTML) 18 Page - Analog Devices

Back Button HMC8411LP2FE Datasheet HTML 14Page - Analog Devices HMC8411LP2FE Datasheet HTML 15Page - Analog Devices HMC8411LP2FE Datasheet HTML 16Page - Analog Devices HMC8411LP2FE Datasheet HTML 17Page - Analog Devices HMC8411LP2FE Datasheet HTML 18Page - Analog Devices HMC8411LP2FE Datasheet HTML 19Page - Analog Devices HMC8411LP2FE Datasheet HTML 20Page - Analog Devices HMC8411LP2FE Datasheet HTML 21Page - Analog Devices HMC8411LP2FE Datasheet HTML 22Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 23 page
background image
HMC8411LP2FE
Data Sheet
Rev. A | Page 18 of 23
THEORY OF OPERATION
The HMC8411LP2FE is a GaAs, MMIC, pHEMT, low noise
wideband amplifier.
The HMC8411LP2FE is a cascode amplifier that uses a
fundamental cell of two field effect transistors (FETs) in series,
source to drain. The basic schematic for the cascode cell is shown
in Figure 69, which forms a low noise amplifier operating from
0.01 GHz to 10 GHz with excellent noise figure performance.
RFOUT
RFIN
VDD
Figure 69. GaAs, MMIC, pHEMT, Low Noise Wideband Amplifier Schematic
The HMC8411LP2FE has single-ended input and output ports
with impedances that nominally equal 50 Ω over the 0.01 GHz
to 10 GHz frequency range. As a result, the device can be directly
inserted into a 50 Ω system with external components on the
RF input and output, as shown in Figure 70, without narrow-
banded matching solutions. There is a need for an external bias
choke for VDD on the RFOUT pin followed by a dc blocking
capacitor, as well as a dc blocking capacitor on the RFIN port. On
the RF input, there is an additional resistor, inductor, and
capacitor (RLC) shunt network that aids unconditional stability
below 100 MHz.
The HMC8411LP2FE is a single-supply bias amplifier using an
external resistor on the RBIAS pin to set the IDQ current. To adjust
the IDQ current, change the RBIAS resistor value.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com