Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HMC8411LP2FE Datasheet(PDF) 22 Page - Analog Devices

Part # HMC8411LP2FE
Description  Low Noise Amplifier, 0.01 GHz to 10 GHz
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

HMC8411LP2FE Datasheet(HTML) 22 Page - Analog Devices

Back Button HMC8411LP2FE Datasheet HTML 15Page - Analog Devices HMC8411LP2FE Datasheet HTML 16Page - Analog Devices HMC8411LP2FE Datasheet HTML 17Page - Analog Devices HMC8411LP2FE Datasheet HTML 18Page - Analog Devices HMC8411LP2FE Datasheet HTML 19Page - Analog Devices HMC8411LP2FE Datasheet HTML 20Page - Analog Devices HMC8411LP2FE Datasheet HTML 21Page - Analog Devices HMC8411LP2FE Datasheet HTML 22Page - Analog Devices HMC8411LP2FE Datasheet HTML 23Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 22 / 23 page
background image
HMC8411LP2FE
Data Sheet
Rev. A | Page 22 of 23
Table 8. Bill of Materials for Evaluation PCB EV1HMC8411LP2F
Item
Description
RFIN, RFOUT
PCB mount SMA RF connectors, SRI 21-146-1000-01
VDD, GND
DC bias test points
C1, C2
10 nF broadband dc blocking capacitors, Presidio LBB0201X103MET5C8L
C3
Capacitor, 0.1 µF, 0402 package
C4
Capacitor, 10 pF, 0201 package
C11
Capacitor, 0.1 µF, 0201 package
L1
Inductor, 0.9 µH, 0402, 5% ferrite, Coilcraft 0402DF-901XJRW
L2
Inductor, 590 nH, 0402, 5% ferrite, Coilcraft 0402DF-591XJRU
R1
1.1 kΩ resistor, 0201 package
R2
43 Ω resistor, 0201 package
DUT1
IC, HMC8411LP2FE
Heat sink
Heat sink



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com