Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HMC8411LP2FE Datasheet(PDF) 23 Page - Analog Devices

Part # HMC8411LP2FE
Description  Low Noise Amplifier, 0.01 GHz to 10 GHz
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

HMC8411LP2FE Datasheet(HTML) 23 Page - Analog Devices

Back Button HMC8411LP2FE Datasheet HTML 15Page - Analog Devices HMC8411LP2FE Datasheet HTML 16Page - Analog Devices HMC8411LP2FE Datasheet HTML 17Page - Analog Devices HMC8411LP2FE Datasheet HTML 18Page - Analog Devices HMC8411LP2FE Datasheet HTML 19Page - Analog Devices HMC8411LP2FE Datasheet HTML 20Page - Analog Devices HMC8411LP2FE Datasheet HTML 21Page - Analog Devices HMC8411LP2FE Datasheet HTML 22Page - Analog Devices HMC8411LP2FE Datasheet HTML 23Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 23 / 23 page
background image
Data Sheet
HMC8411LP2FE
Rev. A | Page 23 of 23
OUTLINE DIMENSIONS
1.70
1.60
1.50
0.30
0.25
0.20
TOP VIEW
SIDE VIEW
0.35
0.30
0.25
BOTTOM VIEW
PIN 1 INDEX
AREA
0.90
0.85
0.80
1.10
1.00
0.90
0.203 REF
0.05 MAX
0.02 NOM
1.30 REF
0.65
BSC
EXPOSED
PAD
FOR PROPER CONNECTION OF
THE EXPOSED PAD, REFER TO
THE PIN CONFIGURATION AND
FUNCTION DESCRIPTIONS
SECTION OF THIS DATA SHEET.
2.05
2.00 SQ
1.95
5
8
1
4
COPLANARITY
0.08
SEATING
PLANE
P IN 1
IN D IC AT O R AR E A OP T IO N S
(SEE DETAIL A)
DETAIL A
(JEDEC 95)
Figure 73. 6-Lead Lead Frame Chip Scale Package [LFCSP],
2 mm × 2 mm Body and 0.85 mm Package Height
(CP-6-12)
Dimensions shown in millimeters
ORDERING GUIDE
Model1, 2
Temperature Range
MSL Rating3
Package Description4
Package Option
HMC8411LP2FE
−40°C to +85°C
MSL1
6-Lead Lead Frame Chip Scale Package [LFCSP]
CP-6-12
HMC8411LP2FETR
−40°C to +85°C
MSL1
6-Lead Lead Frame Chip Scale Package [LFCSP]
CP-6-12
EV1HMC8411LP2F
Evaluation Board
1
The HMC8411LP2FE and HMC8411LP2FETR are RoHS compliant parts.
2
When ordering the evaluation board only, reference the model number, EV1HMC8411LP2F.
3
See the Absolute Maximum Ratings section for additional information.
4
The lead finish of the HMC8411LP2FE and HMC8411LP2FETR is nickel palladium gold (NiPdAu).
©2019 Analog Devices, Inc. All rights reserved. Trademarks and
registered trademarks are the property of their respective owners.
D15859-0-5/19(A)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com