Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LT7101 Datasheet(PDF) 16 Page - Analog Devices

Part # LT7101
Description  105V, 1A Low EMI Synchronous Step-Down Regulator
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LT7101 Datasheet(HTML) 16 Page - Analog Devices

Back Button LT7101 Datasheet HTML 12Page - Analog Devices LT7101 Datasheet HTML 13Page - Analog Devices LT7101 Datasheet HTML 14Page - Analog Devices LT7101 Datasheet HTML 15Page - Analog Devices LT7101 Datasheet HTML 16Page - Analog Devices LT7101 Datasheet HTML 17Page - Analog Devices LT7101 Datasheet HTML 18Page - Analog Devices LT7101 Datasheet HTML 19Page - Analog Devices LT7101 Datasheet HTML 20Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 38 page
background image
LT7101
16
Rev. 0
For more information www.analog.com
between 0A and 1.11A. An internal 20μA pull-up on this
pin allows a single resistor to SGND to be used to set the
voltage. This pin can be floated to set the average output
current to 1.11A and the peak current limit to 1.64A.
By maintaining a fast and optimized current loop over all
operating conditions, the LT7101 responds to changes
in the ICTRL pin voltage with the greatest possible speed.
This is orders of magnitude faster than most competing
solutions, where a slow, average current loop is placed
outside of the voltage regulation loop. By placing the aver-
age current loop inside of the voltage regulation loop,
the LT7101 allows for current programming on a nearly
cycle-by-cycle basis.
The average output current can be monitored at the IMON
pin. The reconstructed inductor current signal (VSNS) is
run through a low pass filter (fc = 10kHz), buffered, and
then delivered to the IMON pin. The voltage on the IMON
normally varies between 0.4V and 1.3V, corresponding
to an average output current between 0A and 1.11A.
The IMON voltage may momentarily be less than 0.4V or
greater than 1.3V, but eventually is limited to these levels
by the average current loop. During SLEEP, this pin is held
at 0.4V.
Short-Circuit Protection and Minimum On-Time
The architecture of the LT7101 provides inherent protec-
tion against short-circuit conditions, without the need for
folding back either the output current or the oscillator
frequency. This is made possible because the PWM com-
parator is continuously receiving inductor current infor-
mation from the average current amplifier. This results in
automatic cycle skipping under short-circuit conditions
if the minimum on-time of the top switch is too long to
maintain control of the inductor current at the full switch-
ing frequency. Because a given switching cycle is skipped
only as needed to satisfy the high speed average current
loop, this creates a brick-wall style current limit without
any foldback or hiccups in the operation down to VOUT =
0V. Figure 2 illustrates the typical operation of this brick-
wall current limit.
Figure 2.
LOAD CURRENT (A)
0
0
2
1
3
4
5
1
7101 F02
1.5
0.5
Typical Current Limit Operation
While the average current loop is extremely fast, a failsafe
peak current limit (IPK) comparator has also been incor-
porated to ensure that the inductor current cannot exceed
a safe level even momentarily. The peak current limit is
internally set to 0.53A above the average current limit,
and tracks with the average current limit set by the volt-
age on the ICTRL pin. In practice, this peak current limit
comparator is only needed when there is an abnormal
voltage on the average current amplifier output filter and
a short-circuit is simultaneously applied. In this case, the
peak current limit comparator may be needed for a few
cycles while the average current amplifier filter settles.
When operating at a high step-down ratio from VIN to
VOUT, care should be taken to choose a switching fre-
quency that is low enough to avoid operation at minimum
on-time. However, in the event that a high step-down ratio
requires an on-time that is less than the minimum, the
LT7101 architecture offers inherent protection against
output overvoltage. Once again, the PWM comparator
will automatically cause the skipping of a cycle as needed
to maintain regulation of the output voltage. While this
avoids output overvoltage, operation in this mode is unde-
sirable as it increases inductor current ripple.
In addition to this inherent protection, a separate output
overvoltage comparator monitors the VFB voltage and pre-
vents top MOSFET turn-on if an overvoltage condition is
present (VFB exceeds VFB(OV)).
OPERATION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com