Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LT7101 Datasheet(PDF) 21 Page - Analog Devices

Part # LT7101
Description  105V, 1A Low EMI Synchronous Step-Down Regulator
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LT7101 Datasheet(HTML) 21 Page - Analog Devices

Back Button LT7101 Datasheet HTML 17Page - Analog Devices LT7101 Datasheet HTML 18Page - Analog Devices LT7101 Datasheet HTML 19Page - Analog Devices LT7101 Datasheet HTML 20Page - Analog Devices LT7101 Datasheet HTML 21Page - Analog Devices LT7101 Datasheet HTML 22Page - Analog Devices LT7101 Datasheet HTML 23Page - Analog Devices LT7101 Datasheet HTML 24Page - Analog Devices LT7101 Datasheet HTML 25Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 38 page
background image
LT7101
21
Rev. 0
For more information www.analog.com
APPLICATIONS INFORMATION
RIND Resistor Selection
The resistor on the RIND pin is used to indicate to the
LT7101 what inductance value is being used. This is
required for the internal reconstruction of the inductor
current waveform and to set the DC gain of the current
loop. Once the inductor value is selected, the RIND pin
resistor is chosen according to:
RIND =
1
3.3 •L
If fixed VOUT operation is selected using the VPRG1 and
VPRG2 pins, the RIND pin can be left floating, but only if
the inductance value is chosen according to Table 3. Do
not leave the RIND pin floating when adjustable VOUT mode
is selected. If the RIND pin is left floating and adjustable
VOUT mode selected (VPRG1 and VPRG2 are both floating),
the LT7101 will detect this as a fault condition and will
not operate.
The allowable current range on the RIND pin is between
8μA and 220μA, which means that:
2.5 ≤ f • L ≤ 67
In practice, the above constraint does not normally affect
the choice of inductor value.
CIN Selection
The input capacitance, CIN, is needed to filter the trap-
ezoidal current at the drain of the top power MOSFET. CIN
should be sized to do this without causing a large variation
in input voltage. In addition, the input capacitor needs
to have a very low ESR and must be rated to handle the
worst-case RMS input current of:
IRMS =
IOUT(MAX)
2
Note that capacitor manufacturers’ ripple current ratings
are often based on only 2000 hours of life. This makes
it advisable to further derate the capacitor, or to choose
a capacitor rated at a higher temperature than required.
Several capacitors may be paralleled to meet size or height
requirements in the design. Due to the high operating
frequency of the LT7101, ceramic capacitors can also be
used for CIN. In many applications, an X7R capacitor of
4.7μF or greater is a suitable choice. Always consult the
manufacturer if there is any question.
The input capacitor, CIN, should be placed as close as
possible to the VIN pins, with a low inductance connec-
tion to the PGND (paddle) of the IC. In addition to a larger
bulk capacitor, a smaller case-size (0603 or 0805) ceramic
decoupling capacitor can be placed closer to the VIN pins
to reduce EMI.
Using an LC Input Filter
Figure 4.
7101 F04
VIN
VIN
ZOUT
ZIN
RD
SW
LT7101
CD
CF
LF
CBULK
OPTIONAL
Input Filter with Optional Damping Network
For high voltage applications, it can be costly to use bulk
capacitance that is rated to handle the required RMS input
current. Moreover, when using a simple capacitor to filter
the AC input current, it is difficult to determine exactly
where this AC current is flowing when a power supply is
placed into a larger system. To avoid these issues, an LC
filter can be used on the power supply input as shown in
Figure 4. This keeps the higher AC currents contained in
a relatively small and inexpensive capacitor (CF) whose
RMS current rating is known to be adequate. Choose an
LC filter such that:
1
2π LFCF
<
f
5
where f is the switching frequency. This will attenuate the
RMS input current by a factor of approximately 5X, greatly
alleviating the RMS input requirements of the larger bulk
capacitor CBULK. The filter inductor LF should have a satu-
ration current of at least:
ISAT(LF) ≥ 1.3 •
VOUT IOUT(MAX)
VIN(MIN)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com