Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LT7101 Datasheet(PDF) 2 Page - Analog Devices

Part # LT7101
Description  105V, 1A Low EMI Synchronous Step-Down Regulator
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LT7101 Datasheet(HTML) 2 Page - Analog Devices

  LT7101 Datasheet HTML 1Page - Analog Devices LT7101 Datasheet HTML 2Page - Analog Devices LT7101 Datasheet HTML 3Page - Analog Devices LT7101 Datasheet HTML 4Page - Analog Devices LT7101 Datasheet HTML 5Page - Analog Devices LT7101 Datasheet HTML 6Page - Analog Devices LT7101 Datasheet HTML 7Page - Analog Devices LT7101 Datasheet HTML 8Page - Analog Devices LT7101 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 38 page
background image
LT7101
2
Rev. 0
For more information www.analog.com
PIN CONFIGURATION
ABSOLUTE MAXIMUM RATINGS
VIN Supply Voltage....................................–0.3V to 110V
INTVCC, (BOOST-SW) Voltages.................... –0.3V to 6V
BOOST Voltage .........................................–0.3V to 110V
RUN Voltage..............................................–0.3V to 110V
VFB, PGOOD Voltages ................................ –0.3V to 16V
EXTVCC Voltage ..........................................–0.3V to 41V
RIND, VPRG1, VPRG2 Voltages.................–0.3V to INTVCC
ICTRL, SS Voltages ................................–0.3V to INTVCC
FREQ, ITH, PLLIN/MODE, OVLO Voltages..... –0.3V to 6V
Operating Junction Temperature Range (Notes 2, 3, 4)
LT7101E, LT7101I............................... –40°C to 125°C
LT7101H............................................. –40°C to 150°C
LT7101MP.......................................... –55°C to 150°C
Storage Temperature Range .................. –65°C to 150°C
(Note 1)
11 12 13 14
TOP VIEW
PGND
37
UHE36(26) PACKAGE
36-LEAD (5mm × 6mm) PLASTIC QFN
TJMAX = 150°C, θJA = 38°C/W, θJC = 5°C/W
EXPOSED PAD (PIN 37) IS PGND, MUST BE SOLDERED TO PCB
15 16 17 18
36 35
32 31 30
21
24
25
26
27
8
7
6
3
RUN
SGND
OVLO
RIND
ITH
VFB
BOOST
SW
SW
SW
INTVCC
EXTVCC
VPRG2
20
19
9
10
LEAD FREE FINISH
TAPE AND REEL
PART MARKING*
PACKAGE DESCRIPTION
TEMPERATURE RANGE
LT7101EUHE#PBF
LT7101EUHE#TRPBF
7101
36-Lead (5mm × 6mm) Plastic QFN
–40°C to 125°C
LT7101IUHE#PBF
LT7101IUHE#TRPBF
7101
36-Lead (5mm × 6mm) Plastic QFN
–40°C to 125°C
LT7101HUHE#PBF
LT7101HUHE#TRPBF
7101
36-Lead (5mm × 6mm) Plastic QFN
–40°C to 150°C
LT7101MPUHE#PBF
LT7101MPUHE#TRPBF
7101
36-Lead (5mm × 6mm) Plastic QFN
–55°C to 150°C
Contact the factory for parts specified with wider operating temperature ranges. *The temperature grade is identified by a label on the shipping container.
Tape and reel specifications. Some packages are available in 500 unit reels through designated sales channels with #TRMPBF suffix.
ORDER INFORMATION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com