Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CP3SP33SMS Datasheet(PDF) 2 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # CP3SP33SMS
Description  CP3SP33 Connectivity Processor with Cache, DSP, and Bluetooth, USB, and Dual CAN Interfaces
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

CP3SP33SMS Datasheet(HTML) 2 Page - National Semiconductor (TI)

  CP3SP33SMS Datasheet HTML 1Page - National Semiconductor (TI) CP3SP33SMS Datasheet HTML 2Page - National Semiconductor (TI) CP3SP33SMS Datasheet HTML 3Page - National Semiconductor (TI) CP3SP33SMS Datasheet HTML 4Page - National Semiconductor (TI) CP3SP33SMS Datasheet HTML 5Page - National Semiconductor (TI) CP3SP33SMS Datasheet HTML 6Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
www.national.com
2
2.0
Features
CPU Features
„ Fully static RISC processor core, capable of operating
from 0 to 96 MHz with zero wait/hold state
„ Minimum 10.4 ns instruction cycle time with a 96-MHz in-
ternal clock frequency, based on a 12-MHz external input
„ 4K-byte, 4-way set-associative instruction cache
„ 69 independently vectored peripheral interrupts
DSP Features
„ Capable of operating up to 96 MHz
„ 16-bit fixed-point arithmetic, dual-MAC architecture
„ 32-bit interface to 4K-byte RAM shared with CPU
„ 32-bit external bus interface
„ Bus master interface to audio peripherals and I/O
Memory
„ 4K bytes CPU instruction cache
„ 32K bytes CPU data RAM
„ 4K bytes CPU/DSP shared RAM
„ 24K bytes DSP program RAM
„ 24K bytes DSP data RAM
„ 8K bytes Bluetooth sequencer and data RAM
„ Addresses up to 32M bytes of external memory
Broad Range of Hardware Communications Peripher-
als
„ Bluetooth Lower Link Controller (LLC) including a shared
7K byte Bluetooth data RAM and 1K byte Bluetooth Se-
quencer RAM
„ Universal Serial Bus (USB) 2.0 On-The-Go
„ Audio/telematics codec with dual ADC inputs and high-
quality stereo DAC output
„ Two CAN interfaces with 15 message buffers conforming
to CAN specification 2.0B active
„ Two ACCESS.bus serial bus interfaces (I2C compatible)
„ Two 8/16-bit SPI, Microwire/Plus serial interfaces
„ I2S digital audio bus interface
„ Four Universal Asynchronous Receiver/Transmitter
(UART) channels, one channel has USART capability
„ Advanced Audio Interface (AAI) to connect to external 8/
13-bit PCM Codecs as well as to ISDN-Controllers
through the IOM-2 interface (slave only)
„ Two CVSD/PCM converters, for supporting two bidirec-
tional audio connections
External Bus Interface Shared Between CPU and DSP
„ 16/32-bit data bus
„ 23-bit address bus
„ 3 programmable chip select outputs
„ Up to 32M bytes external memory
„ 8-level write buffer
General-Purpose Hardware Peripherals
„ 10-channel, 10-bit A/D Converter (ADC)
„ 16-channel DMA controller
„ Dual 16-bit Multi-Function Timer (MFT)
„ Dual Versatile Timer Units (VTU), each with four inde-
pendent timers
„ Timing and Watchdog Unit
Extensive Power and Clock Management Support
„ Two Phase Locked Loops (PLL) for synthesizing inde-
pendent system and audio peripheral clocks
„ Two independent oscillators for Active mode (12 MHz)
and Power Save mode (32.768 kHz) clocks
„ Low-power modes (Power Save, Idle, and Halt) for slow-
ing or stopping clocks to optimize power consumption
while meeting application needs
Flexible I/O
„ Up to 64 general-purpose I/O pins (shared with on-chip
peripheral I/O)
„ Programmable I/O pin characteristics: TRI-STATE out-
put, push-pull output, weak pullup/pulldown input, high-
impedance input, high-speed drive capability
„ Schmitt triggers on general-purpose inputs
„ Multi-Input Wake-Up (MIWU) capability
Power Supply
„ I/O port operation at 3.0–3.3V
„ Core logic operation at 1.8V
„ On-chip power-on reset
Temperature Range
„ -40°C to +85°C (Industrial)
Packages
„ FBGA-224, FBGA-144
Complete Development Environment
„ Pre-integrated hardware and software support for rapid
prototyping and production
„ Multi-file C source editor, source debugger, and project
manager
„ Comprehensive, integrated, one-stop technical support
Bluetooth Protocol Stack
„ Applications can interface to the high-level protocols or
directly to the low-level Host Controller Interface (HCI)
„ Transport layer support allows HCI command-based in-
terface over UART port
„ Baseband (Link Controller) hardware minimizes the
bandwidth demand on the CPU
„ Link Manager (LM)
„ Logical Link Control and Adaptation Protocol (L2CAP)
„ Service Discovery Protocol (SDP)
„ RFCOMM Serial Port Emulation Protocol
„ All packet types, piconet, and scatternet functionality
CP3SP33 Connectivity Processor Selection Guide
NSID
Speed
(MHz)
Temp. Range
I/Os
Package
Type
CP3SP33SMS
96
-40° to +85°C
64
FBGA-224
CP3SP33SMR
96
-40° to +85°C
36
FBGA-144



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com