Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CP3SP33SMS Datasheet(PDF) 6 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # CP3SP33SMS
Description  CP3SP33 Connectivity Processor with Cache, DSP, and Bluetooth, USB, and Dual CAN Interfaces
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

CP3SP33SMS Datasheet(HTML) 6 Page - National Semiconductor (TI)

  CP3SP33SMS Datasheet HTML 1Page - National Semiconductor (TI) CP3SP33SMS Datasheet HTML 2Page - National Semiconductor (TI) CP3SP33SMS Datasheet HTML 3Page - National Semiconductor (TI) CP3SP33SMS Datasheet HTML 4Page - National Semiconductor (TI) CP3SP33SMS Datasheet HTML 5Page - National Semiconductor (TI) CP3SP33SMS Datasheet HTML 6Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
National does not assume any responsibility for use of any circuitry described, no circuit patent licenses are implied and National reserves the right at any time without notice to change said circuitry and specifications.
LIFE SUPPORT POLICY
NATIONAL’S PRODUCTS ARE NOT AUTHORIZED FOR USE AS CRITICAL COMPONENTS IN LIFE SUPPORT
DEVICES OR SYSTEMS WITHOUT THE EXPRESS WRITTEN APPROVAL OF THE PRESIDENT AND GENERAL
COUNSEL OF NATIONAL SEMICONDUCTOR CORPORATION. As used herein:
1. Life support devices or systems are devices or systems which,
(a) are intended for surgical implant into the body, or (b) support
or sustain life, and whose failure to perform, when properly used
in accordance with instructions for use provided in the labeling,
can be reasonably expected to result in a significant injury to the
user.
2. A critical component is any component of a life support device
or system whose failure to perform can be reasonably expected
to cause the failure of the life support device or system, or to af-
fect its safety or effectiveness.
National Semiconductor
Corporation
Tel: 1-800-272-9959
Fax: 1-800-737-7018
Email: support@nsc.com
National Semiconductor
Europe
Fax:
+49 (0) 180-530 85 86
Email:
europe.support@nsc.com
Deutsch Tel:
+49 (0) 69 9508 6208
English Tel:
+44 (0) 870 24 0 2171
Francais Tel:
+33 (0) 1 41 91 8790
National Semiconductor
Japan Ltd.
Tel: 81-3-5639-7560
Fax: 81-3-5639-7507
www.national.com
National Semiconductor
Asia Pacific
Customer Response Group
Tel: 65-254-4466
Fax: 65-250-4466
Email: ap.support@nsc.com
BANNED SUBSTANCE COMPLIANCE
National Semiconductor certifies that the products and packing materials meet the provisions of the Customer Products Stewardship
Specification (CSP-9-111C2) and the Banned Substances and Materials of Interest Specification (CSP-9-111S2) and contain no “Banned
Substances” as defined in CSP-9-111S2.
Leadfree products are RoHS compliant.
In addition, the Clock and Reset module generates the de-
vice reset by using reset input signals coming from an exter-
nal reset, the watchdog timer, or the SDI debugging
interface. A power-on reset (POR) circuit eliminates the
need for an external RC network. The POR circuit gener-
ates an internal reset of sufficient length if the power supply
rise time specification is met.
3.24
DMA CONTROLLER
The Direct Memory Access Controller (DMAC) can speed
up data transfer between memory and I/O devices or be-
tween two regions of memory, as compared to data trans-
fers performed directly by the CPU. Cycle stealing allows
the CPU and the DMAC to interleave access to the CPU
core bus for greater utilization of the available bandwidth.
The following on-chip modules can assert a DMA request to
the DMA controller:
•
USART 0 (2 request channels)
•
UART 1/2/3 (6 request channels)
•
Advanced Audio Interface (6 request channels)
•
CVSD/PCM Converter 0/1 (8 request channels)
•
Microwire/SPI 0/1 (4 request channels)
•
ACCESS.bus 0/1 (2 request channels)
•
Codec (4 request channels)
•I2S Interface (4 request channels)
The DSP has its own DMA controller which can be config-
ured to accept DMA requests from peripherals on the
shared audio peripheral APB bus. The USB controller also
has its own DMA controller, which operates on the CPU
core bus.
3.25
SERIAL DEBUG INTERFACE
The Serial Debug Interface module (SDI module) provides
a JTAG-based serial link to an external debugger, for exam-
ple running on a PC. In addition, the SDI module integrates
an on-chip debug module, which allows the user to set up to
eight hardware breakpoints on instruction execution and
data transfer. The SDI module can act as a CPU bus master
to access all memory-mapped resources, such as RAM and
peripherals. Therefore it also allows for fast program code
download using the JTAG interface.
3.26
DEVELOPMENT SUPPORT
In addition to providing the features needed for the next gen-
eration of embedded Bluetooth products, the CP3SP33 de-
vices are backed up by the software resources that
designers need for rapid product development, including an
operating system, Bluetooth protocol stack implementation,
peripheral drivers, reference designs, and an integrated de-
velopment
environment.
Combined
with
National’s
LMX5251 Bluetooth radio transceiver, the CP3SP33 devic-
es provide a total Bluetooth system solution.
National Semiconductor offers a complete and industry-
proven application development environment for CP3SP33
applications, including the IAR Embedded Workbench,
iSYSTEM winIDEA and iC3000 Active Emulator, Bluetooth
Development Board, Bluetooth Protocol Stack, and Applica-
tion Software. See your National Semiconductor sales rep-
resentative for current information on availability and
features of emulation equipment and evaluation boards.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com