Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CP3SP33SMS Datasheet(PDF) 3 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # CP3SP33SMS
Description  CP3SP33 Connectivity Processor with Cache, DSP, and Bluetooth, USB, and Dual CAN Interfaces
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

CP3SP33SMS Datasheet(HTML) 3 Page - National Semiconductor (TI)

  CP3SP33SMS Datasheet HTML 1Page - National Semiconductor (TI) CP3SP33SMS Datasheet HTML 2Page - National Semiconductor (TI) CP3SP33SMS Datasheet HTML 3Page - National Semiconductor (TI) CP3SP33SMS Datasheet HTML 4Page - National Semiconductor (TI) CP3SP33SMS Datasheet HTML 5Page - National Semiconductor (TI) CP3SP33SMS Datasheet HTML 6Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
3
www.national.com
3.0
Device Overview
The CP3SP33 connectivity processor is an advanced mi-
crocomputer with system timing, interrupt logic, instruction
cache, data memory, and I/O ports included on-chip, mak-
ing it well-suited to a wide range of embedded applications.
The block diagram on page 1 shows the major on-chip com-
ponents of the CP3SP33.
3.1
CR16CPLUS CPU CORE
The CP3SP33 contains a CR16CPlus CPU core. This core
improves upon the performance of previous CP3000 devic-
es by adding a 4-Kbyte instruction cache and doubling the
CPU core data bus bandwidth. The cache greatly reduces
instruction-fetch bandwidth on the 32-bit system bus, which
leaves more bus bandwidth available for DMA-based I/O.
The cache moves the average execution rate closer to the
peak rate of one instruction per clock cycle, especially when
executing from off-chip program memory. The DMA control-
ler provides efficient sharing of the CPU core bus between
the CPU and high-bandwidth peripherals such as wired and
wireless communication interfaces.
For information on the instruction set architecture, please
refer to the CR16C Programmer’s Reference Manual (doc-
ument number 424521772-101, which may be downloaded
from National’s web site at http://www.national.com).
3.2
TEAK DSP CORE
The Teak 16-bit fixed-point DSP core is designed for low-
power, high-speed digital signal processing applications, in-
cluding acoustic echo cancellation, noise reduction, and
MP3/WMA decoding. It features a four-bus, dual-MAC, en-
hanced Harvard architecture. The DSP has 24K bytes of
dedicated program RAM, 24K bytes of data RAM, and a 4K-
byte RAM shared with the CPU. The DSP has a bus master
interface to the 4K-byte shared RAM and an external mem-
ory bus. It also has a bus master interface to a shared audio
peripheral bus. The DSP is slave on the CPU peripheral
bus, for downloading software to the program RAM.
The DSP has its own DMA controller for I/O and memory ac-
cess.
3.3
AMBA BUS ARCHITECTURE
The CPU and DSP core buses implement AMBA-compati-
ble AHB high-performance 32-bit buses with bursting and
split transactions. The CPU peripheral bus and CPU/DSP
shared audio peripheral bus implement AMBA-compatible
32-bit APB buses. The CPU and DSP buses operate at in-
dependent rates up to 96 MHz. The APB buses operate at
a rate which is a factor of 1, 2, or 4 slower than the CPU
AHB bus.
3.4
EXTERNAL BUS INTERFACE UNIT
The External Bus Interface Unit (EBIU) provides program-
mable timing, memory type, base address, size, and bus
width (8, 16, or 32 bits) for three regions of up to 32M bytes.
An 8-level write buffer releases the bus master to continue
execution without waiting for write cycles to complete.
3.5
MEMORY
The CP3SP33 devices support a uniform linear address
space. Three types of on-chip memory occupy specific re-
gions within this address space, along with any external
memory:
„ 32K bytes of CPU RAM
„ 4K bytes of CPU/DSP shared RAM
„ 8K bytes of Bluetooth sequencer and data RAM
„ Up to 32M bytes of external memory
A non-volatile external program memory is used to store the
application program, Bluetooth protocol stack, and real-time
operating system.
The 32K bytes of CPU RAM are used for temporary storage
of data and for the program stack and interrupt stack. Read
and write operations can be byte-wide or word-wide, de-
pending on the instruction executed by the CPU.
3.6
BLUETOOTH LLC
The integrated hardware Bluetooth Lower Link Controller
(LLC) complies to the Bluetooth Specification Version 1.2
and integrates the following functions:
„ 7K-byte dedicated Bluetooth data RAM
„ 1K-byte dedicated Bluetooth sequencer RAM
„ Support of all Bluetooth 1.2 packet types and extended
Synchronous Connection-Oriented (eSCO) links
„ Support for fast frequency hopping of 1600 hops/s
„ Access code correlation and slot timing recovery circuit
„ Power Management Control Logic
„ BlueRF-compatible interface (mode 2/3) to connect with
National’s LMX5252 and other RF transceiver chips
3.7
USB
The full-speed Universal Serial Bus (USB) node and host
controller is compatible with USB Specification 2.0 and USB
On-The-Go. It integrates the required USB transceiver, the
Serial Interface Engine (SIE), and USB endpoint FIFOs. A
total of seven endpoint pipes are supported: one bidirection-
al pipe for the mandatory control EP0 and an additional six
pipes for unidirectional endpoints to support USB interrupt,
bulk, and isochronous data transfers.
The on-chip USB transceiver features an integrated pullup
resistor on the D+ line to UVCC. This pullup resistor can be
switched in or out by the USB VBUS sense input (VBUS),
which eliminates the need for external components.
3.8
CAN INTERFACE
The two CAN modules support Full CAN 2.0B class, CAN
serial bus interfaces for applications that require a high-
speed (up to 1 Mbits per second) or a low-speed interface
with CAN bus master capability. The data transfer between
CAN and the CPU is established by 15 memory-mapped
message buffers, which can be individually configured as
receive or transmit buffers. An incoming message is filtered
by two masks, one for the first 14 message buffers and an-
other one for the 15th message buffer to provide a basic
CAN path. A priority decoder allows any buffer to have the
highest or lowest transmit priority. Remote transmission re-
quests can be processed automatically by automatic recon-
figuration to a receiver after transmission or by automated



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com