Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LMV242MDA Datasheet(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LMV242MDA
Description  Dual Output, Quad-Band GSM/GPRS Power Amplifier Controller
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LMV242MDA Datasheet(HTML) 1 Page - National Semiconductor (TI)

  LMV242MDA Datasheet HTML 1Page - National Semiconductor (TI) LMV242MDA Datasheet HTML 2Page - National Semiconductor (TI) LMV242MDA Datasheet HTML 3Page - National Semiconductor (TI) LMV242MDA Datasheet HTML 4Page - National Semiconductor (TI) LMV242MDA Datasheet HTML 5Page - National Semiconductor (TI) LMV242MDA Datasheet HTML 6Page - National Semiconductor (TI) LMV242MDA Datasheet HTML 7Page - National Semiconductor (TI) LMV242MDA Datasheet HTML 8Page - National Semiconductor (TI) LMV242MDA Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
LMV242
Dual Output, Quad-Band GSM/GPRS Power Amplifier
Controller
General Description
The LMV242 is a power amplifier (PA) controller intended for
use within an RF transmit power control loop in GSM/GPRS
mobile phones. The LMV242 supports all single-supply PA’s
including InGaP, HBT and bipolar power amplifiers. The
device operates with a single supply from 2.6V to 5.5V.
Included in the PA controller are an RF detector, a ramp filter
and two selectable output drivers that function as error am-
plifiers for two different bands. The LMV242 input interface
consists two analog and two digital inputs. The analog inputs
are the RF input, Ramp voltage input. The digital inputs
perform the function of “Band Select” and “Shutdown/
Transmit Enable” respectively. The “Band Select” function
enables either of two outputs, namely OUT1 when BS =
High, or output OUT2 when BS = Low. The output that is not
enabled is pulled low to the minimum output voltage. The
LMV242 is active in the case TX_EN = High. When TX_EN
= Low the device is in a low power consumption shutdown
mode. During shutdown both outputs will be pulled low to the
minimum output voltage. Individual PA characteristics are
accommodated by a user selectable external RC combina-
tion.
The LMV242 is offered in fully tested die form as well as in a
10-lead LLP package and is therefore especially suitable for
small footprint PA module solutions.
Features
n
Support of InGaP HBT, bipolar technology
n
Quad-band operation
n
Shutdown mode for power save in R
X slot
n
Integrated ramp filter
n
50 dB RF detector
n
GPRS compliant
n
External loop compensation option
n
Accurate temperature compensation
n
LLP package 3x3 mm and fully tested die sales
Applications
n
GSM/GPRS/TDMA/TD_SCDMA mobile phone
n
Pulse RF control
n
Wireless LAN
n
GSM/GPRS power amplifier module
n
Transmit module
Typical Application
20079501
VIP® is a registered trademark of National Semiconductor Corporation.
July 2004
© 2004 National Semiconductor Corporation
DS200795
www.national.com


Similar Part No. - LMV242MDA

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LMV242 TI-LMV242 Datasheet
1,009Kb / 25P
LMV242 Dual Output, Quad-Band GSM/GPRS Power Amplifier Controller
LMV242 TI2-LMV242 Datasheet
607Kb / 24P
LMV242 Dual Output, Quad-Band GSM/GPRS Power Amplifier Controller
REVISED MAY 2013
LMV242 TI2-LMV242 Datasheet
1,017Kb / 23P
LMV242x 450MHz to 2GHz, 50dB, Log RF Power Detectors With PA Control Outputs
REVISED JUNE 2025
LMV2421 TI2-LMV2421 Datasheet
1,017Kb / 23P
LMV242x 450MHz to 2GHz, 50dB, Log RF Power Detectors With PA Control Outputs
REVISED JUNE 2025
LMV2421LDT TI2-LMV2421LDT Datasheet
1,017Kb / 23P
LMV242x 450MHz to 2GHz, 50dB, Log RF Power Detectors With PA Control Outputs
REVISED JUNE 2025
More results

Similar Description - LMV242MDA

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
RMPA1850 FAIRCHILD-RMPA1850 Datasheet
120Kb / 9P
Quad Band GSM/GPRS Power Amplifier Module
logo
Skyworks Solutions Inc.
SKY77336 SKYWORKS-SKY77336 Datasheet
66Kb / 2P
Power Amplifier Module for Quad-Band GSM/GPRS/EDGE
logo
Freescale Semiconductor...
MMM5062 FREESCALE-MMM5062 Datasheet
1Mb / 22P
Quad-Band GSM GPRS 3.5 V Power Amplifier
logo
ANADIGICS, Inc
AWE6159R ANADIGICS-AWE6159R Datasheet
734Kb / 16P
Quad-band GSM/GPRS/EDGE Power Amplifier Module
logo
Texas Instruments
LMV242 TI-LMV242_15 Datasheet
1,009Kb / 25P
LMV242 Dual Output, Quad-Band GSM/GPRS Power Amplifier Controller
logo
Skyworks Solutions Inc.
SKY77350-13 SKYWORKS-SKY77350-13 Datasheet
429Kb / 2P
Power Amplifier Module for Quad-Band GSM/GPRS
SKY77354 SKYWORKS-SKY77354_13 Datasheet
77Kb / 2P
Power Amplifier Module for Quad-Band GSM / GPRS / EDGE
SKY77365 SKYWORKS-SKY77365 Datasheet
80Kb / 2P
Power Amplifier Module for Quad-Band GSM / GPRS / EDGE
logo
u-blox AG
SARA-G3 U-BLOX-SARA-G3 Datasheet
1Mb / 48P
Dual and quad-band GSM/GPRS modules
logo
Quectel Wireless Soluti...
M95 QUECTEL-M95 Datasheet
1Mb / 2P
Quad-band GSM/GPRS Module
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com