Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADV7330KST Datasheet(PDF) 5 Page - Analog Devices

Part # ADV7330KST
Description  Multiformat 11-Bit Triple DAC Video Encoder
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADV7330KST Datasheet(HTML) 5 Page - Analog Devices

  ADV7330KST Datasheet HTML 1Page - Analog Devices ADV7330KST Datasheet HTML 2Page - Analog Devices ADV7330KST Datasheet HTML 3Page - Analog Devices ADV7330KST Datasheet HTML 4Page - Analog Devices ADV7330KST Datasheet HTML 5Page - Analog Devices ADV7330KST Datasheet HTML 6Page - Analog Devices ADV7330KST Datasheet HTML 7Page - Analog Devices ADV7330KST Datasheet HTML 8Page - Analog Devices ADV7330KST Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 76 page
background image
REV. B
ADV7330
–5–
DYNAMIC SPECIFICATIONS
Parameter
Min
Typ
Max
Unit
Conditions
PROGRESSIVE SCAN MODE
Luma Bandwidth
12.5
MHz
Chroma Bandwidth
5.8
MHz
SNR
65.6
dB
Luma ramp unweighted
72
dB
Flat field full bandwidth
HDTV MODE
Luma Bandwidth
30
MHz
Chroma Bandwidth
13.75
MHz
STANDARD DEFINITION MODE
Hue Accuracy
0.4
Degrees
Color Saturation Accuracy
0.4
%
Chroma Nonlinear Gain
1.2
±%Referenced to 40 IRE
Chroma Nonlinear Phase
–0.2
±Degrees
Chroma/Luma Intermodulation
0
±%
Chroma/Luma Gain Inequality
97.0
±%
Chroma/Luma Delay Inequality
–1.1
ns
Luminance Nonlinearity
0.5
±%
Chroma AM Noise
84
dB
Chroma PM Noise
75.2
dB
Differential Gain
0.20
%
NTSC
Differential Phase
0.15
Degrees
NTSC
SNR
59.1
dB
Luma ramp
77.7
dB
Flat field full bandwidth
Specifications subject to change without notice.
(VAA = 2.375 V to 2.625 V, VDD = 2.375 V to 2.625 V; VDD_IO = 2.375 V to 3.6 V, VREF = 1.235 V,
RSET = 3040
, RLOAD = 300
. All specifications TMIN to TMAX (0 C to 70 C), unless otherwise noted.)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com