Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADV7330KST Datasheet(PDF) 8 Page - Analog Devices

Part # ADV7330KST
Description  Multiformat 11-Bit Triple DAC Video Encoder
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADV7330KST Datasheet(HTML) 8 Page - Analog Devices

Back Button ADV7330KST Datasheet HTML 4Page - Analog Devices ADV7330KST Datasheet HTML 5Page - Analog Devices ADV7330KST Datasheet HTML 6Page - Analog Devices ADV7330KST Datasheet HTML 7Page - Analog Devices ADV7330KST Datasheet HTML 8Page - Analog Devices ADV7330KST Datasheet HTML 9Page - Analog Devices ADV7330KST Datasheet HTML 10Page - Analog Devices ADV7330KST Datasheet HTML 11Page - Analog Devices ADV7330KST Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 76 page
background image
REV. B
–8–
ADV7330
CLKIN
Y7–Y0
*Y0, Cb, SEQUENCE AS PER SUBADDRESS 01h BIT 1
t9 = CLOCK HIGH TIME
t10 = CLOCK LOW TIME
t11 = DATA SETUP TIME
t12 = DATA HOLD TIME
t11
t12
t13
t14
t11
t12
t9
t10
3FF
00
XY
Cb0*
Y0
Cr0
Y1
00
HSYNC_O/P
VSYNC_O/P
BLANK_O/P
CONTROL
OUTPUTS
Figure 3. PS 4:2:2 1
× 8-Bit Interleaved at 27 MHz EAV/SAV Input Mode (Input Mode 100)
CLKIN
Y7–Y0
t9 = CLOCK HIGH TIME
t10 = CLOCK LOW TIME
t11 = DATA SETUP TIME
t12 = DATA HOLD TIME
t9
t10
t11
t12
t13
t14
Cb0
Y0
Cr2
Y1
Cbxxx
Cbxxx
HSYNC_I/P
VSYNC_I/P
BLANK_I/P
CONTROL
INPUTS
HSYNC_O/P
VSYNC_O/P
BLANK_O/P
CONTROL
OUTPUTS
Figure 4. PS 4:2:2 1
× 8-Bit Interleaved at 54 MHz Hsync/Vsync I/P Mode (Input Mode 011)
CLKIN
Y7–Y0
CONTROL
OUTPUTS
t9 = CLOCK HIGH TIME
t10 = CLOCK LOW TIME
t11 = DATA SETUP TIME
t12 = DATA HOLD TIME
3FF
00
00
XY
Cb0
Y0
Cr0
Y1
t11
t12
t13
t14
t9
t10
Figure 5. PS 4:2:2 1
× 8-Bit Interleaved at 54 MHz EAV/SAV Input Mode (Input Mode 011)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com