Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADV7330KST Datasheet(PDF) 30 Page - Analog Devices

Part # ADV7330KST
Description  Multiformat 11-Bit Triple DAC Video Encoder
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADV7330KST Datasheet(HTML) 30 Page - Analog Devices

Back Button ADV7330KST Datasheet HTML 26Page - Analog Devices ADV7330KST Datasheet HTML 27Page - Analog Devices ADV7330KST Datasheet HTML 28Page - Analog Devices ADV7330KST Datasheet HTML 29Page - Analog Devices ADV7330KST Datasheet HTML 30Page - Analog Devices ADV7330KST Datasheet HTML 31Page - Analog Devices ADV7330KST Datasheet HTML 32Page - Analog Devices ADV7330KST Datasheet HTML 33Page - Analog Devices ADV7330KST Datasheet HTML 34Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 76 page
background image
REV. B
–30–
ADV7330
Table IV. Async Timing Mode Truth Table
Reference in
HSYNC_I/P
VSYNC_I/P
BLANK_I/P*
Figures 20a and 20b
1
→ 0
0
0 or 1
50% point of falling edge of tri-level horizontal sync signal
a
00
→ 1
0 or 1
25% point of rising edge of tri-level horizontal sync signal
b
0
→ 1
0 or 1
0
50% point of falling edge of tri-level horizontal sync signal
c
10 or 1
0
→ 1
50% start of active video
d
10 or 1
1
→ 0
50% end of active video
e
*When async timing mode is enabled, BLANK_I/P (Pin 25) becomes an active high input.
BLANK_I/P is set to active low at Address 10h, Bit 6.
HD Timing Reset
[Address 14h, Bit 0]
A timing reset is achieved in setting the HD timing reset control
bit at Address 14h from 0 to 1. In this state, the horizontal and
vertical counters will remain reset. When this bit is set back to
0, the internal counters will commence counting again. PLL must
be powered off by this mode.
The minimum time the pin has to be held high is one clock cycle,
otherwise this reset signal might not be recognized. This timing
reset applies to the HD timing counters only.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com