Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AX88655P Datasheet(PDF) 13 Page - ASIX Electronics Corporation

Part # AX88655P
Description  5-Port 10/100/1000BASE-T Ethernet Switch
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASIX [ASIX Electronics Corporation]
Direct Link  http://www.asix.com.tw
Logo ASIX - ASIX Electronics Corporation

AX88655P Datasheet(HTML) 13 Page - ASIX Electronics Corporation

Back Button AX88655P Datasheet HTML 9Page - ASIX Electronics Corporation AX88655P Datasheet HTML 10Page - ASIX Electronics Corporation AX88655P Datasheet HTML 11Page - ASIX Electronics Corporation AX88655P Datasheet HTML 12Page - ASIX Electronics Corporation AX88655P Datasheet HTML 13Page - ASIX Electronics Corporation AX88655P Datasheet HTML 14Page - ASIX Electronics Corporation AX88655P Datasheet HTML 15Page - ASIX Electronics Corporation AX88655P Datasheet HTML 16Page - ASIX Electronics Corporation AX88655P Datasheet HTML 17Page - ASIX Electronics Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 40 page
background image
ASIX ELECTRONICS CORPORATION
13
AX88655 P 5-Port 10/100/1000BASE-T Ethernet Switch
register of PHYs via MDIO/MDC interface after power on reset. The AX88655 will periodically and continuously poll
and update the link status and link partner’s ability which include speed, duplex mode, and 802.3x flow control capable
status of the connected PHY devices through MDIO/MDC serial interface.
3.7 Port-Based QoS: Port-Pair
AX88655 provides 4 Port-Pairs for bandwidth management. Users can assign any two ports as one Port-Pair with
internal registers basically. Any packets will put the high priority queue of the Port-Pair when send the packets each
other. That is, two ports of each Port-Pair will obtain more bandwidth than other ports when congestion.
In addition, one port can be as the highest priority port if one All_Bit of a Port-Pair is active. That is, user can assign
format of the Port-Pair as OnePort-to-All and every packets of the OnePort will put in the high priority transmit queue of
other ports.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com