Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AX88655P Datasheet(PDF) 34 Page - ASIX Electronics Corporation

Part # AX88655P
Description  5-Port 10/100/1000BASE-T Ethernet Switch
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASIX [ASIX Electronics Corporation]
Direct Link  http://www.asix.com.tw
Logo ASIX - ASIX Electronics Corporation

AX88655P Datasheet(HTML) 34 Page - ASIX Electronics Corporation

Back Button AX88655P Datasheet HTML 30Page - ASIX Electronics Corporation AX88655P Datasheet HTML 31Page - ASIX Electronics Corporation AX88655P Datasheet HTML 32Page - ASIX Electronics Corporation AX88655P Datasheet HTML 33Page - ASIX Electronics Corporation AX88655P Datasheet HTML 34Page - ASIX Electronics Corporation AX88655P Datasheet HTML 35Page - ASIX Electronics Corporation AX88655P Datasheet HTML 36Page - ASIX Electronics Corporation AX88655P Datasheet HTML 37Page - ASIX Electronics Corporation AX88655P Datasheet HTML 38Page - ASIX Electronics Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 40 page
background image
ASIX ELECTRONICS CORPORATION
34
AX88655 P 5-Port 10/100/1000BASE-T Ethernet Switch
GPHY3.SCH
1.0
AX88655 P 5-Port 10/100/1000BASE-T EtherNet Switch --- Port 3 G'PHY CKT.
C
5
10
Thursday, March 14, 2002
ASIX ELECTRONICS CORPORATION
Title
Size
Document Number
Rev
Date:
Sheet
of
VDD_O
GND
RX_DV
VDD_C
GND
GND
VDD_O
TX_EN
GND
VDD_O
GND
VDD_C
GND
MDIA_P
GND
MDID_P
GND
GND
GND
GND
VDD_C
MDID_N
VDD_C
GND
GND
VDD_C
MDIC_P
VDD_C
MDIB_P
GND
GND
GND
MDIC_N
VDD_C
MDIB_N
MDIA_N
GND
GND
GND
GTX_CLK
VDD_O
MDIO
VDD_O
VDD_C
GTX_CLK
TX_EN
MDIO
MDC
RESET#
25M_IN
VDD25
VDD18
TXD[0..7]
CRS
COL
RX_CLK
RX_DV
TX_CLK
RXD[0..7]
MDID_P
MDID_N
RX_VDD25
MDIC_N
MDIC_P
RX_VDD25
RX_VDD25
MDIA_N
MDIA_P
RX_VDD25
MDIB_N
MDIB_P
PHYADD2
PHYADD3
DUPLEX
VDD_O
PHYADD0
PHYADD1
PHYADD4
AN_EN
SPEED1
SPEED
SPEED1
SPEED
PHYADD0
AN_EN
DUPLEX
VDD_O
VDD_O
GND
RXD[0..7]
RXD1
RXD5
RXD4
RXD3
RXD6
RXD7
RXD2
RXD0
TXD[0..7]
TX_CLK
RX_CLK
GND
RESET#
VDD_C
RX_VDD25
GND
VDD25
VDD18
VDD_O
MDC
COL
CRS
25M_IN
MDI_D+
MDI_C-
MDI_C+
MDI_A+
MDI_A-
MDI_B-
MDI_B+
MDI_D-
MDI_A-
MDI_B+
MDI_D-
MDI_B-
MDI_D+
MDI_C-
MDI_C+
MDI_A+
GND
GND
GND
VDD_O
VDD_O
D17
LED
R155
49.9
C223
0.1uF
C227
0.1uF
C239
0.1uF
R129
4.7k
C188
0.1uF
C209
1000pF
C224
0.1uF
D20
LED
C242
0.1uF
R133
4.7k
L11
F.B.
R146
0
R166
1.5K
R153
75
C230
1000pF
C216
0.1uF
R161
49.9
C184
0.1uF
C241
0.1uF
C210
0.1uF
C218
0.1uF
JACK4
RJ45_A
2
4
6
1
3
5
7
8
11
12
C243
0.1uF
+ C225
100uF/16V
R138
1k
R160
49.9
+ C201
100uF/16V
D16
LED
C238
0.1uF
C211
1000pF
C186
0.1uF
R159
4.7K
C213
0.1uF
R128
4.7k
TF4
24HST1041
24
23
22
21
20
19
18
17
16
15
14
13
1
2
3
4
5
6
7
8
9
10
11
12
MCT1
MX1+
MX1-
MCT2
MX2+
MX2-
MCT3
MX3+
MX3-
MCT4
MX4+
MX4-
TCT1
TD1+
TD1-
TCT2
TD2+
TD2-
TCT3
TD3+
TD3-
TCT4
TD4+
TD4-
R147
10
C208
0.1uF
R142
1k
C194
0.1uF
C212
0.1uF
U4
DP83865AVH
39
40
41
42
43
44
45
46
47
48
49
50
51
52
53
54
55
56
57
58
59
60
61
62
63
64
103
104
105
106
107
108
109
110
111
112
113
114
115
116
117
118
119
120
121
122
123
124
125
126
127
128
COL
CRS
RX_ER
IO_VDD
VSS
RX_DV
RXD7
RXD6
RXD5
CORD_VDD
VSS
RXD4
RXD3
RXD2
IO_VDD
VSS
RXD1
RXD0
RX_CLK
IO_VDD
VSS
TX_CLK
TX_ER
TX_EN
CORD_VDD
VSS
RX_VDD
VSS
RX_VDD
VSS
VSS
MDIA_P
MDIA_N
VSS
RX_VDD
VSS
VSS
MDIB_P
MDIB_N
VSS
RX_VDD
VSS
VSS
MDIC_P
MDIC_N
VSS
RX_VDD
VSS
VSS
MDID_P
MDID_N
VSS
R130
4.7k
C197
0.1uF
C202
0.1uF
R156
49.9
R168
4.7K
C217
0.1uF
C234
0.1uF
C237
0.1uF
C244
0.1uF
R148
49.9
R137
1k
R132
4.7k
C235
0.1uF
C193
0.01uF/2KV
C222
0.1uF
R151
10
C231
0.1uF
C229
0.1uF
C221
0.1uF
C198
1000pF
R162
9.76K
C240
0.1uF
R140
1k
R141
1k
C220
0.1uF
C236
0.1uF
C190
0.1uF
R134
4.7k
R158
10
C205
0.1uF
R127
4.7k
R136
4.7K
R144
49.9
L10
F.B.
R165
22
C215
0.1uF
C219
0.1uF
D19
LED
D18
LED
C232
0.1uF
R145
4.7K
R143
49.9
+ C226
100uF/16V
R135
4.7k
R152
75
+ C207
100uF/16V
C203
1000pF
C189
0.1uF
C233
0.1uF
C192
0.1uF
R149
49.9
C187
0.1uF
R157
75
C214
0.1uF
+ C199
22uF
R131
4.7k
C185
0.1uF
R164
0
C204
0.1uF
R150
75
L12
F.B.
C191
0.1uF
C196
0.1uF
C195
0.1uF
C228
1000pF
+ C206
100uF/16V
R139
2K
R163
4.7K
C200
0.1uF
R154
10
R167
1.5K
GTX_CLK
TXD[0..7]
TX_EN
MDIO
MDC
PHY_RST#
25MHZ
VDD25
VDD18
GND
RX_DV
CRS
TX_CLK
RX_CLK
RXD[0..7]
COL
OPTION
Activity LED
Link
10 LED
Link
100 LED
Link 1000 LED
DUPLEX LED
PHY ID : 01010
OPTION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com