Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

OPA2990IDR Datasheet(PDF) 23 Page - Texas Instruments

Click here to check the latest version.
Part # OPA2990IDR
Description  OPAx990 40-V Rail-to-Rail Input/Output, Low Offset Voltage, Low Power Op Amp
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

OPA2990IDR Datasheet(HTML) 23 Page - Texas Instruments

Back Button OPA2990IDR Datasheet HTML 19Page - Texas Instruments OPA2990IDR Datasheet HTML 20Page - Texas Instruments OPA2990IDR Datasheet HTML 21Page - Texas Instruments OPA2990IDR Datasheet HTML 22Page - Texas Instruments OPA2990IDR Datasheet HTML 23Page - Texas Instruments OPA2990IDR Datasheet HTML 24Page - Texas Instruments OPA2990IDR Datasheet HTML 25Page - Texas Instruments OPA2990IDR Datasheet HTML 26Page - Texas Instruments OPA2990IDR Datasheet HTML 27Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 59 page
background image
Input Low-Pass Filter
Ron_mux
CS
CS
CD
Sn
Sn+1
D
Simplified Mux Model
RFILT
RFILT
CFILT
CFILT
Vn = 10 V
Vn+1 = ±10 V
10 V
±10 V
Buffer Amplifier
1
2
Idiode_transient
10 V
~±9.3 V
1
VIN+
VIN±
~0.7 V
VOUT
2
±10 V
Ron_mux
OPAx990
40 V
~0.7 V
VOUT
V+
V
Conventional Input Protection
Limits Differential Input Range
OPAx990 Provides Full 40-V
Differential Input Range
VIN+
VIN
VOUT
V+
V
VIN+
VIN
23
OPA990, OPA2990, OPA4990
www.ti.com
SBOS933D – FEBRUARY 2019 – REVISED JULY 2019
Product Folder Links: OPA990 OPA2990 OPA4990
Submit Documentation Feedback
Copyright © 2019, Texas Instruments Incorporated
7.3 Feature Description
7.3.1 Input Protection Circuitry
The OPAx990 uses a unique input architecture to eliminate the requirement for input protection diodes but still
provides robust input protection under transient conditions. Figure 48 shows conventional input diode protection
schemes that are activated by fast transient step responses and introduce signal distortion and settling time
delays because of alternate current paths, as shown in Figure 49. For low-gain circuits, these fast-ramping input
signals forward-bias back-to-back diodes, causing an increase in input current and resulting in extended settling
time.
Figure 48. OPAx990 Input Protection Does Not Limit Differential Input Capability
Figure 49. Back-to-Back Diodes Create Settling Issues
The OPAx990 family of operational amplifiers provides a true high-impedance differential input capability for high-
voltage applications using a patented input protection architecture that does not introduce additional signal
distortion or delayed settling time, making the device an optimal op amp for multichannel, high-switched, input
applications. The OPA990 tolerates a maximum differential swing (voltage between inverting and non-inverting
pins of the op amp) of up to 40 V, making the device suitable for use as a comparator or in applications with fast-
ramping input signals such as data-acquisition systems; see the TI TechNote MUX-Friendly Precision
Operational Amplifiers for more information.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com