Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

OPA2990IDR Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Part # OPA2990IDR
Description  OPAx990 40-V Rail-to-Rail Input/Output, Low Offset Voltage, Low Power Op Amp
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

OPA2990IDR Datasheet(HTML) 9 Page - Texas Instruments

Back Button OPA2990IDR Datasheet HTML 5Page - Texas Instruments OPA2990IDR Datasheet HTML 6Page - Texas Instruments OPA2990IDR Datasheet HTML 7Page - Texas Instruments OPA2990IDR Datasheet HTML 8Page - Texas Instruments OPA2990IDR Datasheet HTML 9Page - Texas Instruments OPA2990IDR Datasheet HTML 10Page - Texas Instruments OPA2990IDR Datasheet HTML 11Page - Texas Instruments OPA2990IDR Datasheet HTML 12Page - Texas Instruments OPA2990IDR Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 59 page
background image
9
OPA990, OPA2990, OPA4990
www.ti.com
SBOS933D – FEBRUARY 2019 – REVISED JULY 2019
Product Folder Links: OPA990 OPA2990 OPA4990
Submit Documentation Feedback
Copyright © 2019, Texas Instruments Incorporated
(1)
Stresses beyond those listed under Absolute Maximum Ratings may cause permanent damage to the device. These are stress ratings
only, which do not imply functional operation of the device at these or any other conditions beyond those indicated under Recommended
Operating Conditions. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
(2)
Input pins are diode-clamped to the power-supply rails. Input signals that may swing more than 0.5 V beyond the supply rails must be
current limited to 10 mA or less.
(3)
Short-circuit to ground, one amplifier per package. Extended short-circuit current, especially with higher supply voltage, can cause
excessive heating and eventual destruction. See the Thermal Protection section for more information.
6 Specifications
6.1 Absolute Maximum Ratings
over operating ambient temperature range (unless otherwise noted)
(1)
MIN
MAX
UNIT
Supply voltage, VS = (V+) – (V–)
0
42
V
Signal input pins
Common-mode voltage(2)
(V–) – 0.5
(V+) + 0.5
V
Differential voltage(2)
VS + 0.2
V
Current(2)
–10
10
mA
Output short-circuit(3)
Continuous
Operating ambient temperature, TA
–55
150
°C
Junction temperature, TJ
150
°C
Storage temperature, Tstg
–65
150
°C
(1)
JEDEC document JEP155 states that 500-V HBM allows safe manufacturing with a standard ESD control process.
(2)
JEDEC document JEP157 states that 250-V CDM allows safe manufacturing with a standard ESD control process.
6.2 ESD Ratings
VALUE
UNIT
V(ESD)
Electrostatic discharge
Human body model (HBM), per ANSI/ESDA/JEDEC JS-001(1)
±2000
V
Charged device model (CDM), per JEDEC specification JESD22-C101(2)
±1000
(1)
Cannot exceed V+.
6.3 Recommended Operating Conditions
over operating ambient temperature range (unless otherwise noted)
MIN
MAX
UNIT
VS
Supply voltage, (V+) – (V–)
2.7
40
V
VI
Input voltage range
(V–) – 0.2
(V+) + 0.2
V
VIH
High level input voltage at shutdown pin (amplifier enabled)
(V–) + 1.1
(V–) + 20 V(1)
V
VIL
Low level input voltage at shutdown pin (amplifier disabled)
(V–)
(V–) + 0.2
V
TA
Specified temperature
–40
125
°C
(1)
For more information about traditional and new thermal metrics, see the Semiconductor and IC Package Thermal Metrics application
report, SPRA953.
(2)
This package option is preview for OPA990.
6.4 Thermal Information for Single Channel
THERMAL METRIC(1)
OPA990, OPA990S
UNIT
DBV(2)
(SOT-23)
DCK(2)
(SC70)
DRL(2)
(SOT-553)
5 PINS
6 PINS
5 PINS
5 PINS
6 PINS
RθJA
Junction-to-ambient thermal resistance
192.1
192.1
204.6
TBD
TBD
°C/W
RθJC(top)
Junction-to-case (top) thermal resistance
113.6
113.6
116.5
TBD
TBD
°C/W
RθJB
Junction-to-board thermal resistance
60.5
60.5
51.8
TBD
TBD
°C/W
ψJT
Junction-to-top characterization parameter
37.2
37.2
24.9
TBD
TBD
°C/W
ψJB
Junction-to-board characterization parameter
60.3
60.3
51.5
TBD
TBD
°C/W
RθJC(bot)
Junction-to-case (bottom) thermal resistance
N/A
N/A
N/A
TBD
TBD
°C/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com