Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

OPA2990IDR Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # OPA2990IDR
Description  OPAx990 40-V Rail-to-Rail Input/Output, Low Offset Voltage, Low Power Op Amp
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

OPA2990IDR Datasheet(HTML) 1 Page - Texas Instruments

  OPA2990IDR Datasheet HTML 1Page - Texas Instruments OPA2990IDR Datasheet HTML 2Page - Texas Instruments OPA2990IDR Datasheet HTML 3Page - Texas Instruments OPA2990IDR Datasheet HTML 4Page - Texas Instruments OPA2990IDR Datasheet HTML 5Page - Texas Instruments OPA2990IDR Datasheet HTML 6Page - Texas Instruments OPA2990IDR Datasheet HTML 7Page - Texas Instruments OPA2990IDR Datasheet HTML 8Page - Texas Instruments OPA2990IDR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 59 page
background image
ADS8860
REF
VINP
VINM
MUX509
+
+
+
Antialiasing
Filter
Gain Network
Gain Network
Gain Network
High-Voltage Level Translation
VCM
High-Voltage Multiplexed Input
Reference Driver
REF3140
RC Filter
OPA375
RC Filter
Analog Inputs
LED
Photo
Detector
Bridge Sensor
Thermocouple
Current Sensing
Optical Sensor
OPA990
OPA990
OPA990
Product
Folder
Order
Now
Technical
Documents
Tools &
Software
Support &
Community
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. UNLESS OTHERWISE NOTED, this document contains PRODUCTION
DATA.
OPA990, OPA2990, OPA4990
SBOS933D – FEBRUARY 2019 – REVISED JULY 2019
OPAx990 40-V Rail-to-Rail Input/Output, Low Offset Voltage, Low Power Op Amp
1
1 Features
1
•
Low offset voltage: ±300 µV
•
Low offset voltage drift: ±0.6 µV/°C
•
Low noise: 30 nV/
√Hz at 1 kHz
•
High common-mode rejection: 115 dB
•
Low bias current: ±10 pA
•
Rail-to-rail input and output
•
MUX-friendly/comparator inputs
–
Amplifier operates with differential inputs up to
supply rail
–
Amplifier can be used in open-loop or as
comparator
•
Wide bandwidth: 1.1-MHz GBW
•
High slew rate: 4.5 V/µs
•
Low quiescent current: 120 µA per amplifier
•
Wide supply: ±1.35 V to ±20 V, 2.7 V to 40 V
•
Robust EMIRR performance: 78 dB at 1.8 GHz
•
Differential and common-mode input voltage
range to supply rail
2 Applications
•
Multiplexed data-acquisition systems
•
Test and measurement equipment
•
Motor drive: power stage and control modules
•
Power delivery: UPS, server, and merchant
network power
•
ADC driver and reference buffer amplifier
•
Programmable logic controllers
•
Analog input and output modules
•
High-side and low-side current sensing
•
High precision comparator
3 Description
The
OPAx990
family
(OPA990,
OPA2990,
and
OPA4990) is a family of high voltage (40-V) general
purpose operational amplifiers. These devices offer
excellent
DC
precision
and
AC
performance,
including rail-to-rail input/output, low offset (±300 µV,
typ), and low offset drift (±0.6 µV/°C, typ).
Unique features such as differential and common-
mode input voltage range to the supply rail, high
short-circuit current (±80 mA), high slew rate (4.5
V/µs),
and
shutdown
make
the
OPAx990
an
extremely flexible, robust, and high-performance op
amp for high-voltage industrial applications.
The OPAx990 family of op amps is available in micro-
size packages (such as X2QFN, WSON, and SOT-
553), as well as standard packages (such as SOT-23,
SOIC, and TSSOP), and is specified from –40°C to
125°C.
Device Information(1)
PART NUMBER
PACKAGE
BODY SIZE (NOM)
OPA990
SOT-23 (5)(2)
2.90 mm × 1.60 mm
SOT-23 (6)(2)
2.90 mm × 1.60 mm
SC70 (5)(2)
2.00 mm × 1.25 mm
SOT-553 (5)(2)
1.60 mm × 1.20 mm
OPA2990
SOIC (8)
4.90 mm × 3.90 mm
SOT-23 (8)(2)
2.90 mm × 1.60 mm
TSSOP (8)
3.00 mm × 4.40 mm
VSSOP (8)(2)
3.00 mm × 3.00 mm
WSON (8)
2.00 mm × 2.00 mm
X2QFN (10)(2)
2.00 mm × 1.50 mm
OPA4990
SOIC (14)(2)
8.65 mm × 3.90 mm
TSSOP (14)(2)
5.00 mm × 4.40 mm
WQFN (16)(2)
3.00 mm × 3.00 mm
X2QFN (14)(2)
2.00 mm × 2.00 mm
(1) For all available packages, see the orderable addendum at
the end of the data sheet.
(2) This package is preview only.
OPAx990 in a High-Voltage, Multiplexed, Data-Acquisition System


Similar Part No. - OPA2990IDR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA2990IDR TI1-OPA2990IDR Datasheet
1Mb / 33P
40-V rail-to-rail input/output, low offset voltage, low power op amp
OPA2990IDR TI1-OPA2990IDR Datasheet
3Mb / 64P
OPAx990 40-V Rail-to-Rail Input/Output, Low Offset Voltage, Low Power Op Amp
OPA2990IDR TI1-OPA2990IDR Datasheet
4Mb / 71P
OPAx990 40-V Rail-to-Rail Input/Output, Low Offset Voltage, Low Power Op Amp
OPA2990IDR TI1-OPA2990IDR Datasheet
5Mb / 74P
OPAx990 40-V Rail-to-Rail Input/Output, Low Offset Voltage, Low Power Op Amp
OPA2990IDR TI1-OPA2990IDR Datasheet
5Mb / 76P
OPAx990 40-V Rail-to-Rail Input/Output, Low Offset Voltage, Low Power Op Amp
More results

Similar Description - OPA2990IDR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA990 TI1-OPA990 Datasheet
1Mb / 33P
40-V rail-to-rail input/output, low offset voltage, low power op amp
OPA990 TI1-OPA990_V02 Datasheet
3Mb / 64P
OPAx990 40-V Rail-to-Rail Input/Output, Low Offset Voltage, Low Power Op Amp
OPA990 TI1-OPA990_V03 Datasheet
4Mb / 71P
OPAx990 40-V Rail-to-Rail Input/Output, Low Offset Voltage, Low Power Op Amp
OPA991 TI1-OPA991_V01 Datasheet
4Mb / 59P
OPAx991 40-V Rail-to-Rail Input/Output, Low Offset Voltage, Low Noise Op Amp
OPA990 TI1-OPA990_V04 Datasheet
5Mb / 74P
OPAx990 40-V Rail-to-Rail Input/Output, Low Offset Voltage, Low Power Op Amp
OPA990 TI1-OPA990_V05 Datasheet
5Mb / 76P
OPAx990 40-V Rail-to-Rail Input/Output, Low Offset Voltage, Low Power Op Amp
OPA990 TI-OPA990_V06 Datasheet
5Mb / 76P
OPAx990 40-V Rail-to-Rail Input/Output, Low Offset Voltage, Low Power Op Amp
OPA990 TI-OPA990_V07 Datasheet
5Mb / 81P
OPAx990 40-V Rail-to-Rail Input/Output, Low Offset Voltage, Low Power Op Amp
OPA990 TI-OPA990_V08 Datasheet
5Mb / 83P
OPAx990 40-V Rail-to-Rail Input/Output, Low Offset Voltage, Low Power Op Amp
REVISED AUGUST 2021
OPA4990-Q1 TI-OPA4990-Q1 Datasheet
2Mb / 41P
OPAx990-Q1 Automotive 40-V Rail-to-Rail Input or Output, Low Offset Voltage, Low Power Op Amp
OCTOBER 2023
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com