Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SSM3K35FS Datasheet(PDF) 3 Page - Toshiba Semiconductor

Part # SSM3K35FS
Description  TOSHIBA Field-Effect Transistor Silicon N-Channel MOS Type
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

SSM3K35FS Datasheet(HTML) 3 Page - Toshiba Semiconductor

  SSM3K35FS Datasheet HTML 1Page - Toshiba Semiconductor SSM3K35FS Datasheet HTML 2Page - Toshiba Semiconductor SSM3K35FS Datasheet HTML 3Page - Toshiba Semiconductor SSM3K35FS Datasheet HTML 4Page - Toshiba Semiconductor SSM3K35FS Datasheet HTML 5Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
SSM3K35FS
2014-03-01
3
ID – VDS
ID – VGS
RDS (ON) – ID
RDS (ON) – VGS
RDS (ON) – Ta
Drain–source voltage VDS (V)
Gate–source voltage VGS (V)
Drain current ID (mA)
Gate–source voltage VGS (V)
Ambient temperature Ta (°C)
0
0
200
12
1.5
0.5
100
300
400
VGS = 1.2 V
1.5 V
1.8 V
Common Source
Ta = 25°C
4 V
10 V
2.5 V
02
3
1
0.01
1
1000
0.1
10
100
Ta
= 100°C
Common Source
VDS = 3 V
−25°C
25°C
VGS = 1.2 V
0
1
10
1000
10
5
100
04
10
8
26
0
10
5
0
10
5
−50
50
150
0
100
RDS (ON) – VGS
Gate–source voltage VGS (V)
0
4
10
8
2
6
0
5
10
Common Source
ID = 5 mA
1.5 V
Common Source
Ta = 25°C
Common Source
ID = 50 mA
Common Source
2.5 V
4 V
Ta
= 100°C
25°C
Ta
= 100°C
−25°C
2.5 V, 50 mA
4 V, 50 mA
1.5 V, 5 mA
VGS = 1.2 V, ID = 5 mA
25°C
−25°C



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com