Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SSM3K35FS Datasheet(PDF) 1 Page - Toshiba Semiconductor

Part # SSM3K35FS
Description  TOSHIBA Field-Effect Transistor Silicon N-Channel MOS Type
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

SSM3K35FS Datasheet(HTML) 1 Page - Toshiba Semiconductor

  SSM3K35FS Datasheet HTML 1Page - Toshiba Semiconductor SSM3K35FS Datasheet HTML 2Page - Toshiba Semiconductor SSM3K35FS Datasheet HTML 3Page - Toshiba Semiconductor SSM3K35FS Datasheet HTML 4Page - Toshiba Semiconductor SSM3K35FS Datasheet HTML 5Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
SSM3K35FS
2014-03-01
1
TOSHIBA Field-Effect Transistor Silicon N-Channel MOS Type
SSM3K35FS
○
High-Speed Switching Applications
○
Analog Switch Applications
• 1.2-V drive
• Low ON-resistance: Ron = 20 Ω (max) (@VGS = 1.2 V)
: Ron = 8 Ω (max) (@VGS = 1.5 V)
: Ron = 4 Ω (max) (@VGS = 2.5 V)
: Ron = 3 Ω (max) (@VGS = 4.0 V)
Absolute Maximum Ratings (Ta = 25˚C)
Characteristics
Symbol
Rating
Unit
Drain–source voltage
VDSS
20
V
Gate–source voltage
VGSS
±10
V
DC
ID
180
Drain current
Pulse
IDP
360
mA
Drain power dissipation
PD
100
mW
Channel temperature
Tch
150
°C
Storage temperature
Tstg
−55 to 150
°C
Note: Using continuously under heavy loads (e.g. the application of high
temperature/current/voltage and the significant change in
temperature, etc.) may cause this product to decrease in the
reliability significantly even if the operating conditions (i.e. operating
temperature/current/voltage, etc.) are within the absolute maximum
ratings.
Please design the appropriate reliability upon reviewing the Toshiba
Semiconductor Reliability Handbook (“Handling Precautions”/“Derating Concept and Methods”) and individual
reliability data (i.e. reliability test report and estimated failure rate, etc).
Electrical Characteristics (Ta = 25°C)
Characteristics
Symbol
Test Condition
Min
Typ.
Max
Unit
Gate leakage current
IGSS
VGS = ±10 V, VDS = 0V
⎯
⎯
±10
μA
Drain–source breakdown voltage
V (BR) DSS
ID = 0.1 mA, VGS = 0V
20
⎯
⎯
V
Drain cutoff current
IDSS
VDS = 20 V, VGS = 0V
⎯
⎯
1
μA
Gate threshold voltage
Vth
VDS = 3 V, ID = 1 mA
0.4
⎯
1.0
V
Forward transfer admittance
⏐Yfs⏐
VDS = 3 V, ID = 50 mA
(Note 1)
115
⎯
⎯
mS
ID = 50 mA, VGS = 4 V
(Note 1)
⎯
1.5
3
ID = 50 mA, VGS = 2.5 V
(Note 1)
⎯
2
4
ID = 5 mA, VGS = 1.5 V
(Note 1)
⎯
3
8
Drain–source ON-resistance
RDS (ON)
ID = 5 mA, VGS = 1.2 V
(Note 1)
⎯
5
20
Ω
Input capacitance
Ciss
⎯
9.5
⎯
Reverse transfer capacitance
Crss
⎯
4.1
⎯
Output capacitance
Coss
VDS = 3 V, VGS = 0V, f = 1 MHz
⎯
9.5
⎯
pF
Turn-on time
ton
⎯
115
⎯
Switching time
Turn-off time
toff
VDD = 3 V, ID = 50 mA,
VGS = 0 to 2.5 V
⎯
300
⎯
ns
Drain–source forward voltage
VDSF
ID = - 180 mA, VGS = 0V
(Note 1)
⎯
-0.9
-1.2
V
Note 1: Pulse test
Unit: mm
JEDEC
-
JEITA
-
TOSHIBA
2-2H1B
Weight: 2.4 mg (typ.)
Start of commercial production
2008-02


Similar Part No. - SSM3K35FS

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
SSM3K357R TOSHIBA-SSM3K357R Datasheet
455Kb / 9P
MOSFETs Silicon N-Channel MOS
SSM3K357R TOSHIBA-SSM3K357R Datasheet
451Kb / 9P
MOSFETs Silicon N-Channel MOS
2021-01-07 Rev.4.0
SSM3K357R TOSHIBA-SSM3K357R_V01 Datasheet
451Kb / 9P
MOSFETs Silicon N-Channel MOS
2021-01-07 Rev.4.0
SSM3K35AFS TOSHIBA-SSM3K35AFS Datasheet
227Kb / 9P
MOSFETs Silicon N-Channel MOS
SSM3K35AMFV TOSHIBA-SSM3K35AMFV Datasheet
228Kb / 9P
MOSFETs Silicon N-Channel MOS
More results

Similar Description - SSM3K35FS

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
HN1K04FU TOSHIBA-HN1K04FU Datasheet
124Kb / 5P
TOSHIBA Field Effect Transistor Silicon N Channel MOS Type
16-Jan-2002
SSM3K17FU TOSHIBA-SSM3K17FU Datasheet
234Kb / 5P
TOSHIBA Field Effect Transistor Silicon N Channel MOS Type
SSM6N04FU TOSHIBA-SSM6N04FU Datasheet
175Kb / 5P
TOSHIBA Field Effect Transistor Silicon N Channel MOS Type
28-Mar-2003
SSM3K116TU TOSHIBA-SSM3K116TU_14 Datasheet
166Kb / 5P
TOSHIBA Field Effect Transistor Silicon N Channel MOS Type
SSM6K202FE TOSHIBA-SSM6K202FE_14 Datasheet
194Kb / 5P
TOSHIBA Field-Effect Transistor Silicon N-Channel MOS Type
TK8A60DA TOSHIBA-TK8A60DA Datasheet
266Kb / 6P
TOSHIBA Field Effect Transistor Silicon N Channel MOS Type
K15A50D TOSHIBA-K15A50D Datasheet
256Kb / 6P
TOSHIBA Field Effect Transistor Silicon N Channel MOS Type (MOS)
SSM3K35CT TOSHIBA-SSM3K35CT Datasheet
215Kb / 5P
TOSHIBA Field-Effect Transistor Silicon N-Channel MOS Type
SSM3K44FS TOSHIBA-SSM3K44FS Datasheet
171Kb / 5P
TOSHIBA Field Effect Transistor Silicon N Channel MOS Type
SSM3K44MFV TOSHIBA-SSM3K44MFV Datasheet
204Kb / 5P
TOSHIBA Field Effect Transistor Silicon N Channel MOS Type
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com