Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SSM3K35FS Datasheet(PDF) 2 Page - Toshiba Semiconductor

Part # SSM3K35FS
Description  TOSHIBA Field-Effect Transistor Silicon N-Channel MOS Type
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

SSM3K35FS Datasheet(HTML) 2 Page - Toshiba Semiconductor

  SSM3K35FS Datasheet HTML 1Page - Toshiba Semiconductor SSM3K35FS Datasheet HTML 2Page - Toshiba Semiconductor SSM3K35FS Datasheet HTML 3Page - Toshiba Semiconductor SSM3K35FS Datasheet HTML 4Page - Toshiba Semiconductor SSM3K35FS Datasheet HTML 5Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
SSM3K35FS
2014-03-01
2
Switching Time Test Circuit
(a) Test Circuit
(b) VIN
Marking
Equivalent Circuit (top view)
Usage Considerations
Let Vth be the voltage applied between gate and source that causes the drain current (ID) to below (1 mA for the
SSM3K35FS). Then, for normal switching operation, VGS(on) must be higher than Vth, and VGS(off) must be lower than
Vth. This relationship can be expressed as: VGS(off) < Vth < VGS(on).
Take this into consideration when using the device.
Handling Precaution
When handling individual devices (which are not yet mounting on a circuit board), be sure that the environment is
protected against electrostatic electricity. Operators should wear anti-static clothing, and containers and other objects
that come into direct contact with devices should be made of anti-static materials.
VDD = 3 V
Duty
≤ 1%
VIN: tr, tf < 5 ns
(Zout = 50 Ω)
Common Source
Ta = 25°C
VDD
OUT
IN
2.5 V
0
10
μs
RL
(c) VOUT
ton
90%
10%
0 V
2.5 V
10%
90%
toff
tr
tf
VDD
VDS (ON)
KZ
1
2
3
1
2
3



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com