Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM2502SQ Datasheet(PDF) 6 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM2502SQ
Description  Mobile Pixel Link (MPL) Display Interface Serializer and Deserializer
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM2502SQ Datasheet(HTML) 6 Page - National Semiconductor (TI)

Back Button LM2502SQ Datasheet HTML 2Page - National Semiconductor (TI) LM2502SQ Datasheet HTML 3Page - National Semiconductor (TI) LM2502SQ Datasheet HTML 4Page - National Semiconductor (TI) LM2502SQ Datasheet HTML 5Page - National Semiconductor (TI) LM2502SQ Datasheet HTML 6Page - National Semiconductor (TI) LM2502SQ Datasheet HTML 7Page - National Semiconductor (TI) LM2502SQ Datasheet HTML 8Page - National Semiconductor (TI) LM2502SQ Datasheet HTML 9Page - National Semiconductor (TI) LM2502SQ Datasheet HTML 10Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 27 page
background image
Absolute Maximum Ratings (Note 1)
If Military/Aerospace specified devices are required,
please contact the National Semiconductor Sales Office/
Distributors for availability and specifications.
Supply Voltage (V
DDA)
−0.3V to +4.0V
Supply Voltage (V
DD)
−0.3V to +4.0V
Supply Voltage (V
DDIO)
−0.3V to +4.0V
LVCMOS Input/Output Voltage
−0.3V to (V
DDIO
+0.3V)
MPL Input/Output Voltage
−0.3V to (V
DDA
+0.3V)
Junction Temperature
+150˚C
Storage Temperature
−65˚C to +150˚C
Lead Temperature Soldering,
4 Seconds
+260˚C
ESD Ratings:
HBM, 1.5 k
Ω, 100pF
≥±2kV
EIAJ, 0
Ω, 200 pF
≥±200V
Maximum Package Power Dissipation Capacity at 25˚C
UFBGA Package (Note 4)
2.5 W
Derate UFBGA Package above
25˚C
25 mW/˚C
Theta JA
45˚C/W
LLP Package (Note 4)
1.39 W
Derate LLP Package above 25˚C
11 mW/˚C
Theta JA
90˚C/W
Recommended Operating
Conditions
Min Typ
Max
Units
Supply Voltage
V
DDA to VSSA and
V
DDcore to VSScore
2.9
3.0
3.3
V
V
DDIO to VSSIO
1.7
3.3
V
Clock Frequency
3.0
25
MHz
Ambient Temperature
−30
25
85
˚C
Electrical Characteristics
Over recommended operating supply and temperature ranges unless otherwise specified. (Notes 2, 3)
Symbol
Parameter
Conditions
Min
Typ
Max
Units
MPL
I
OLL
Logic Low Current (5X I
B)
3.67 I
B
5.0 I
B
6.33 I
B
µA
I
OMS
Mid Scale Current
3.0 I
B
µA
I
OLH
Logic High Current (1X I
B)
0.7 I
B
1.0 I
B
1.3 I
B
µA
I
B
Current Bias
150
µA
I
OFF
MPL Leakage Current
PD* = L (PowerDown mode)
−2
0
+2
µA
LVCMOS (1.7V to 3.3V Operation)
V
IH
Input Voltage High Level
V
DDIO = 2.0V to 3.3V
0.7 V
DDIO
V
DDIO
+0.3
V
V
DDIO = 1.7V to <2.0V
0.8 V
DDIO
V
IL
Input Voltage Low Level
V
DDIO = 2.0V to 3.3V
−0.3
0.3 V
DDIO
V
V
DDIO = 1.7V to <2.0V
−0.3
0.2 V
DDIO
V
V
HY
Input Hysteresis
V
DDIO = 3.0V
500
mV
V
DDIO = 1.8V
300
mV
I
IN
Input Current (includes I
OZ)
LVCMOS IO Signals
−2
0
+2
µA
I
IH
Input Current High Level
LVCMOS Input Only Signals (i.e. Mode)
−1
0
+1
µA
I
IL
Input Current Low Level
−1
0
+1
µA
V
OH
Output Voltage High Level
I
OH =−2mA
V
DDIO = 3.3V
0.8 V
DDIO
2.8
V
V
DDIO = 1.7V
1.6
V
OL
Output Voltage Low Level
I
OL =2mA
V
DDIO = 3.3V
0.08
0.2 V
DDIO
V
V
DDIO = 1.7V
0.12
I
OS
Output Short-Circuit
Current
V
OUT = 0V, VDDIO = 1.7 V
−5
mA
V
OUT = 0V, VDDIO = 3.3 V
−30
mA
www.national.com
6



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com