Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM2502SQ Datasheet(PDF) 13 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM2502SQ
Description  Mobile Pixel Link (MPL) Display Interface Serializer and Deserializer
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM2502SQ Datasheet(HTML) 13 Page - National Semiconductor (TI)

Back Button LM2502SQ Datasheet HTML 9Page - National Semiconductor (TI) LM2502SQ Datasheet HTML 10Page - National Semiconductor (TI) LM2502SQ Datasheet HTML 11Page - National Semiconductor (TI) LM2502SQ Datasheet HTML 12Page - National Semiconductor (TI) LM2502SQ Datasheet HTML 13Page - National Semiconductor (TI) LM2502SQ Datasheet HTML 14Page - National Semiconductor (TI) LM2502SQ Datasheet HTML 15Page - National Semiconductor (TI) LM2502SQ Datasheet HTML 16Page - National Semiconductor (TI) LM2502SQ Datasheet HTML 17Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 27 page
background image
Functional Description (Continued)
fourth section the MD lines are again turned around, such
that the Master becomes the transmitter and the Slave be-
comes the receiver. The Slave drives the MD lines Low for 1
bit width and then turns off. The MD lines are off momentarily
to avoid driver contention. The Master then drives the MD
line Low for 1 bit time and then idles the bus until the next
transaction is sent.
During a READ transaction (Double Read access on the
Master), other MPL transactions are not allowed until the
current READ dual cycle is completed.
To account for the latency through the MPL link, a dual
READ operation is required by the host. The first read re-
turns invalid data (all Low). Once data has returned to the
Master LM2502, the INTR signal is asserted to inform the
host to initiate a second read operation. When the Master
LM2502 sees the Read signal/CS* combination, it will de-
assert the INTR signal and Valid data is presented.
Figure 11 illustrates a m68 mode WRITE followed by a
READ operation (Slave output to Display). At the end of the
WRITE operation the SLAVE outputs are turned off. The
SLAVE latches in the READ data on the rising edge of the
CS* signal as shown. The Display should disable its outputs
prior to the next operation to avoid any bus contention.
20093309
FIGURE 10. READ_Data and TA”
20093315
FIGURE 11. Slave WRITE and Slave READ m68 mode Operation
www.national.com
13



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com