Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM2502SQ Datasheet(PDF) 7 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM2502SQ
Description  Mobile Pixel Link (MPL) Display Interface Serializer and Deserializer
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM2502SQ Datasheet(HTML) 7 Page - National Semiconductor (TI)

Back Button LM2502SQ Datasheet HTML 3Page - National Semiconductor (TI) LM2502SQ Datasheet HTML 4Page - National Semiconductor (TI) LM2502SQ Datasheet HTML 5Page - National Semiconductor (TI) LM2502SQ Datasheet HTML 6Page - National Semiconductor (TI) LM2502SQ Datasheet HTML 7Page - National Semiconductor (TI) LM2502SQ Datasheet HTML 8Page - National Semiconductor (TI) LM2502SQ Datasheet HTML 9Page - National Semiconductor (TI) LM2502SQ Datasheet HTML 10Page - National Semiconductor (TI) LM2502SQ Datasheet HTML 11Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 27 page
background image
Electrical Characteristics (Continued)
Over recommended operating supply and temperature ranges unless otherwise specified. (Notes 2, 3)
Symbol
Parameter
Conditions
Min
Typ
Max
Units
SUPPLY CURRENT
I
DD
Total Supply
Current — Enabled
Conditions: MC = 76.8
MHz, MD = 1010-0101
pattern (worse case toggle,
rail-to-rail levels), CLK =
19.2 MHz (4X) (Note 7)
Master
V
DDIO
15
220
µA
V
DD =VDDA
14
25
mA
Slave, C
L =10 pF
V
DDIO
1.5
9.0
mA
V
DD =VDDA
9.0
13.0
mA
Total Supply
Current — Enabled
Conditions: MC = 20 MHz,
MD = 1010-0101 pattern
(worse case toggle,
rail-to-rail levels), CLK = 5
MHz (4X)
Master
V
DDIO = 1.8V
10
µA
V
DD =VDDA =3V
5mA
Slave, C
L =10 pF
V
DDIO = 1.8V
1mA
V
DD =VDDA =3V
4mA
I
DDZ
Supply Current — Disabled
Power_Down Mode, PD* = 0V
1
10
µA
Switching Characteristics
Over recommended operating supply and temperature ranges unless otherwise specified. (Note 2)
Symbol
Parameter
Conditions
Min
Typ
Max
Units
PARALLEL BUS TIMING
t
SET
Set Up Time, Data to Edge
Inputs
5
ns
t
HOLD
Hold Time, Edge to Data
5
ns
t
RISE
Rise Time
Figure 2, Outputs,
C
L =10pF
Edge sensitive
outputs tested
only:
m68 mode: CS1*,
CS2* and CLKout
i80 mode: RD*,
WR*, and CLKout
V
DDIO = 1.7V
2
7
14
ns
V
DDIO = 3.3V
1
2
10
ns
t
FALL
Fall Time
V
DDIO = 1.7V
2
6
14
ns
V
DDIO = 3.3V
1
2
10
ns
CLK
DC
Output Clock Duty Cycle
CLKDIS* = H, Slave (DES)
50
%
Parallel Bus Timing - See Figures 13, 14, 15, 16 and
Table 5, Table 6, Table 7, and Table 8
SERIAL BUS TIMING
t
DVBC
Data Valid before Clock
Master-to-Slave
(Note 5)
2.0
ns
t
DVAC
Data Valid after Clock
0.5
ns
POWER UP TIMING(Note 5)
t
0
Master PLL Lock Counter
Figure 6
4096
CLK
cycles
t
1
MC Pulse Width Low
(Master)
11
CLK
cycles
t
2
MC Pulse Width HIGH
(Master)
11
CLK
cycles
t
3
MC Pulse Width Low
(Master)
11
CLK
cycles
t
4
CLK-Out Delay (Slave)
7
MC
cycles
t
5
Power Up Total delay
(t
0 +t1 +t2 +t3 +t4)
4133
CLK
cycles
www.national.com
7



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com