Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SMB1815SF Datasheet(PDF) 7 Page - Banner Engineering Corp.

Part # SMB1815SF
Description  T30 Series with Analog and Discrete Outputs
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BANNER [Banner Engineering Corp.]
Direct Link  https://www.bannerengineering.com/us/en.html
Logo BANNER - Banner Engineering Corp.

SMB1815SF Datasheet(HTML) 7 Page - Banner Engineering Corp.

  SMB1815SF Datasheet HTML 1Page - Banner Engineering Corp. SMB1815SF Datasheet HTML 2Page - Banner Engineering Corp. SMB1815SF Datasheet HTML 3Page - Banner Engineering Corp. SMB1815SF Datasheet HTML 4Page - Banner Engineering Corp. SMB1815SF Datasheet HTML 5Page - Banner Engineering Corp. SMB1815SF Datasheet HTML 6Page - Banner Engineering Corp. SMB1815SF Datasheet HTML 7Page - Banner Engineering Corp. SMB1815SF Datasheet HTML 8Page - Banner Engineering Corp.  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
Performance Curves
Effective Beam with Plate Target (Typical)
0
0
200 mm
(8.0 in)
400 mm
(16.0 in)
600 mm
(24.0 in)
800 mm
(32.0 in)
1000 mm
(40.0 in)
50
50
100
100
150
150
200
200
0
2.0 in
2.0 in
4.0 in
4.0 in
6.0 in
6.0 in
8.0 in
8.0 in
DISTANCE
100 x 100 mm
10 x 10 mm
Figure 4. A Models
0
0
400 mm
(16.0 in)
800 mm
(32.0 in)
1200 mm
(48.0 in)
1600 mm
(64.0 in)
2000 mm
(80.0 in)
100
100
200
200
300
300
400
400
0
4.0 in
4.0 in
8.0 in
8.0 in
12.0 in
12.0 in
16.0 in
16.0 in
100 x 100 mm
DISTANCE
Figure 5. B Models
Effective Beam with Rod Target (Typical)
0
50
50
100
100
150
150
200
200
0
200 mm
(8.0 in)
400 mm
(16.0 in)
600 mm
(24.0 in)
800 mm
(32.0 in)
1000 mm
(40.0 in)
0
2.0 in
2.0 in
4.0 in
4.0 in
6.0 in
6.0 in
8.0 in
8.0 in
25 mm Rod
10 mm Rod
DISTANCE
Figure 6. A Models
0
100
100
200
200
300
300
400
400
DISTANCE
0
400 mm
(16.0 in)
800 mm
(32.0 in)
1200 mm
(48.0 in)
1600 mm
(64.0 in)
2000 mm
(80.0 in)
0
4.0 in
4.0 in
8.0 in
8.0 in
12.0 in
12.0 in
16.0 in
16.0 in
25 mm Rod
Figure 7. B Models
Accessories
Cordsets
5-Pin Threaded M12/Euro-Style Cordsets—with Shield
Model
Length
Style
Dimensions
Pinout (Female)
MQDEC2-506
1.83 m (6 ft)
Straight
44 Typ.
ø 14.5
M12 x 1
2
3
4
1
5
1 = Brown
2 = White
3 = Blue
4 = Black
5 = Gray
MQDEC2-515
4.57 m (15 ft)
MQDEC2-530
9.14 m (30 ft)
MQDEC2-550
15.2 m (50 ft)
MQDEC2-506RA
1.83 m (6 ft)
Right-Angle
32 Typ.
[1.26"]
30 Typ.
[1.18"]
ø 14.5 [0.57"]
M12 x 1
MQDEC2-515RA
4.57 m (15 ft)
MQDEC2-530RA
9.14 m (30 ft)
MQDEC2-550RA
15.2 m (50 ft)
U-GAGE® T30 Series with Analog and Discrete Outputs
P/N 57438 Rev. D
www.bannerengineering.com - Tel: + 1 888 373 6767
7



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com