Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SMB1815SF Datasheet(PDF) 1 Page - Banner Engineering Corp.

Part # SMB1815SF
Description  T30 Series with Analog and Discrete Outputs
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BANNER [Banner Engineering Corp.]
Direct Link  https://www.bannerengineering.com/us/en.html
Logo BANNER - Banner Engineering Corp.

SMB1815SF Datasheet(HTML) 1 Page - Banner Engineering Corp.

  SMB1815SF Datasheet HTML 1Page - Banner Engineering Corp. SMB1815SF Datasheet HTML 2Page - Banner Engineering Corp. SMB1815SF Datasheet HTML 3Page - Banner Engineering Corp. SMB1815SF Datasheet HTML 4Page - Banner Engineering Corp. SMB1815SF Datasheet HTML 5Page - Banner Engineering Corp. SMB1815SF Datasheet HTML 6Page - Banner Engineering Corp. SMB1815SF Datasheet HTML 7Page - Banner Engineering Corp. SMB1815SF Datasheet HTML 8Page - Banner Engineering Corp.  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
Datasheet
Ultrasonic Sensors with TEACH-Mode Programming
• Fast, easy-to-use TEACH-Mode programming; no potentiometer adjustments
• Program both outputs together or independently, with either an upward or a downward analog
output slope
• Remote TEACH for security and convenience
• Choose models with 150 mm to 1 m range (5.9 in to 39.4 in) or 300 mm to 2 m range (11.8 in to
78.7 in)
• Wide operating range of –20 °C to +70 °C (–4 °F to +158 °F)
• Choose models with NPN or PNP discrete output, plus 0 to 10V dc or 4 to 20 mA sourcing analog
output
• LED indicators for Power ON/OFF; Signal Strength; and Analog/Discrete Outputs Conducting
• Choose models with integral unterminated 2 m (6.5 ft) or 9 m (30 ft) cable, or with M12/Euro-style
quick-disconnect connection
• Compact, self-contained sensor package
• Rugged design for use in demanding sensing environments; rated IEC IP67, NEMA 6P
WARNING:
• Do not use this device for personnel protection
• Using this device for personnel protection could result in serious injury or death.
• This device does not include the self-checking redundant circuitry necessary to allow its use in personnel safety
applications. A device failure or malfunction can cause either an energized (on) or de-energized (off) output condition.
Models—Proximity Mode
Models
Range and
Frequency
Cable1
Supply Voltage
Discrete Output
Analog Output
Response Time
T30UINA
150 mm to 1 m
(5.9 in to 39 in)
228 kHz
2 m (6.5 ft)
12 V dc to 24 V dc
NPN
4 mA to 20 mA
48 milliseconds
T30UINAQ
5-pin Euro quick-
disconnect
T30UIPA
2 m (6.5 ft)
PNP
T30UIPAQ
5-pin Euro quick-
disconnect
T30UUNA
2 m (6.5 ft)
15 V dc to 24 V dc
NPN
0 to 10 V dc
T30UUNAQ
5-pin Euro quick-
disconnect
T30UUPA
2 m (6.5 ft)
PNP
T30UUPAQ
5-pin Euro quick-
disconnect
T30UINB
300 mm to 2 m
(11.8 in to 79 in)
128 kHz
2 m (6.5 ft)
12 V dc to 24 V dc
NPN
4 mA to 20 mA
96 milliseconds
T30UINBQ
5-pin Euro quick-
disconnect
T30UIPB
2 m (6.5 ft)
PNP
T30UIPBQ
5-pin Euro quick-
disconnect
T30UUNB
2 m (6.5 ft)
15 V dc to 24 V dc
NPN
0 to 10 V dc
T30UUNBQ
5-pin Euro quick-
disconnect
T30UUPB
2 m (6.5 ft)
PNP
T30UUPBQ
5-pin Euro quick-
disconnect
Overview
The U-GAGE is an easy-to-use ultrasonic sensor, ideal for demanding environments. Simple push-button programming provides flexibility for a
variety of applications. Excellent for measurement applications such as sensing of liquid levels in a tank or, for example, determining box heights for
sorting purposes.
Each sensor includes both an analog and a discrete output, which may be programmed independently with different window limits or together with
identical limits. Each output has the option of being set with a sensing distance set point centered within a 10-mm window.
1
•
To order the 9 m (30 ft) PVC cable model, add the suffix "W/30" to the cabled model number. For example, T30UINA/30.
•
Models with a quick disconnect require a mating cordset.
U-GAGE® T30 Series with Analog and Discrete
Outputs
Original Document
57438 Rev. D
10 May 2019
57438


Similar Part No. - SMB1815SF

ManufacturerPart #DatasheetDescription
logo
Turck, Inc.
SMB1815SF TURCK-SMB1815SF Datasheet
295Kb / 2P
Ultrasonic sensor emitter
More results

Similar Description - SMB1815SF

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TEA1099H PHILIPS-TEA1099H Datasheet
185Kb / 40P
Speech and handsfree IC with auxiliary inputs/outputs and analog multiplexer
1999 Apr 08
logo
List of Unclassifed Man...
413101 ETC2-413101 Datasheet
601Kb / 12P
Visible Light Detector with Analog and Digital Outputs
50.5 ETC2-50.5 Datasheet
976Kb / 2P
Digital and analog outputs
logo
Semtech Corporation
SX9512 SEMTECH-SX9512 Datasheet
1Mb / 53P
8 Capacitive Buttons, LEDs and Proximity Controller with Analog Outputs
logo
Red Lion Controls. Inc
RM-8DO2 REDLION-RM-8DO2 Datasheet
536Kb / 1P
I/O Module ??Discrete Outputs
logo
Texas Instruments
PGA900 TI1-PGA900 Datasheet
1Mb / 137P
PGA900 Programmable Resistive Sensing Conditioner with Digital and Analog Outputs
PGA900 TI1-PGA900_18 Datasheet
2Mb / 141P
Programmable Resistive Sensing Conditioner With Digital and Analog Outputs
logo
Banner Engineering Corp...
Q50 BANNER-Q50 Datasheet
646Kb / 8P
Q50 Series with Complementary Discrete Outputs
D10 BANNER-D10_V03 Datasheet
429Kb / 16P
Analog and Discrete Outputs
logo
WOLFSPEED, INC.
AMS5105 WOLFSPEED-AMS5105 Datasheet
253Kb / 8P
Pressure sensor with one analog and two switching outputs
May 2012 Rev. 2.0
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com