Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SMB1815SF Datasheet(PDF) 3 Page - Banner Engineering Corp.

Part # SMB1815SF
Description  T30 Series with Analog and Discrete Outputs
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BANNER [Banner Engineering Corp.]
Direct Link  https://www.bannerengineering.com/us/en.html
Logo BANNER - Banner Engineering Corp.

SMB1815SF Datasheet(HTML) 3 Page - Banner Engineering Corp.

  SMB1815SF Datasheet HTML 1Page - Banner Engineering Corp. SMB1815SF Datasheet HTML 2Page - Banner Engineering Corp. SMB1815SF Datasheet HTML 3Page - Banner Engineering Corp. SMB1815SF Datasheet HTML 4Page - Banner Engineering Corp. SMB1815SF Datasheet HTML 5Page - Banner Engineering Corp. SMB1815SF Datasheet HTML 6Page - Banner Engineering Corp. SMB1815SF Datasheet HTML 7Page - Banner Engineering Corp. SMB1815SF Datasheet HTML 8Page - Banner Engineering Corp.  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
Wiring
NPN
Shield*
*It is recommended that the shield wire be connected to
either earth ground or DC common.
12-24V dc
4-20 mA
or 0-10V
100 mA
Maximum
–
+
1
3
2
4
5
Remote
Teach
Load
Discrete
PNP
Shield*
*It is recommended that the shield wire be connected to
either earth ground or DC common.
12-24V dc
4-20 mA
or 0-10V
100 mA
Maximum
–
+
1
3
2
4
5
Remote
Teach
Load
Discrete
Cabled wiring diagrams are shown. Quick disconnect wiring diagrams are functionally identical.
Configuring a Sensor
Window Limits
Window limits can be taught to the sensor in several ways, using either the push buttons on the back of the sensor or remote input.
Note: When the sensor changes state between PROGRAM and RUN modes, all of the LED indicators turn OFF momentarily,
before the appropriate LEDs come ON as described below. The sensing window limits expand temporarily to full scale (max
range) during PROGRAM mode.
Remote Input
To program the sensor remotely or to disable the keypad, use the Remote Programming function. In addition to programming the sensor, use the
remote input to disable the buttons for security, preventing unauthorized or accidental programming changes. Connect the gray wire of the sensor to
+12 V dc to 24 V dc, with a remote programming switch connected between them.
Note: The impedance of the remote teach input is 55 kΩ.
Programming is accomplished by following the sequence of input pulses. The duration of each pulse (corresponding to a push button “click”), and
the period between multiple pulses, are defined as: 0.04 seconds < T < 0.8 seconds.
Note: To exit PROGRAM mode without saving any changes, hold the Remote line high > 2 seconds (before teaching the second
limit). The sensor reverts to the last saved program.
U-GAGE® T30 Series with Analog and Discrete Outputs
P/N 57438 Rev. D
www.bannerengineering.com - Tel: + 1 888 373 6767
3



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com