Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

WW08RR010JQL Datasheet(PDF) 5 Page - WALSIN TECHNOLOGY CORPORATION

Part # WW08RR010JQL
Description  Metal Low Ohm Power Chip Resistors
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WALSIN [WALSIN TECHNOLOGY CORPORATION]
Direct Link  http://www.passivecomponent.com/
Logo WALSIN - WALSIN TECHNOLOGY CORPORATION

WW08RR010JQL Datasheet(HTML) 5 Page - WALSIN TECHNOLOGY CORPORATION

  WW08RR010JQL Datasheet HTML 1Page - WALSIN TECHNOLOGY CORPORATION WW08RR010JQL Datasheet HTML 2Page - WALSIN TECHNOLOGY CORPORATION WW08RR010JQL Datasheet HTML 3Page - WALSIN TECHNOLOGY CORPORATION WW08RR010JQL Datasheet HTML 4Page - WALSIN TECHNOLOGY CORPORATION WW08RR010JQL Datasheet HTML 5Page - WALSIN TECHNOLOGY CORPORATION WW08RR010JQL Datasheet HTML 6Page - WALSIN TECHNOLOGY CORPORATION WW08RR010JQL Datasheet HTML 7Page - WALSIN TECHNOLOGY CORPORATION WW08RR010JQL Datasheet HTML 8Page - WALSIN TECHNOLOGY CORPORATION WW08RR010JQL Datasheet HTML 9Page - WALSIN TECHNOLOGY CORPORATION Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
Approval sheet
Page 5 of 10
ASC_WW06 08 12R_V09
FEB - 2017
SOLDERING CONDITIONS
The robust construction of chip resistors allows them to be completely immersed in a solder bath of 260
C for 10
seconds. Therefore, it is possible to mount Surface Mount Resistors on one side of a PCB and other discrete
components on the reverse (mixed PCBs).
Surface Mount Resistors are tested for solderability at 245
C during 3 seconds within lead-free solder bath.
The test condition for no leaching is 260
C for 30 seconds. Typical examples of soldering processes that
provide reliable joints without any damage are given in Fig
3
Fig 3. Infrared soldering profile for Chip Resistors WWxxR
CATALOGUE NUMBERS
The resistors have a catalogue number starting with .
WW06
R
R005
J
T
L
Size code
WW06
: 0603
WW08
: 0805
WW12
:1206
Type code
R : 1/3W, 0603
1/2W, 0805
1W, 1206
Resistance code
R is first digit followed by 3
significant digits.
0.010
 = R010
0.005
 = R005
Tolerance
J :
5%
F :
1%
Packaging code
T : 7
” reel
Q : 10
” reel
Termination code
L = Sn base
(lead free)
Reeled tape packaging
: 8mm width paper taping 5,000pcs per 7
” reel. 10,000pcs per 10” reel.



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com