Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

WW08RR010JQL Datasheet(PDF) 1 Page - WALSIN TECHNOLOGY CORPORATION

Part # WW08RR010JQL
Description  Metal Low Ohm Power Chip Resistors
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WALSIN [WALSIN TECHNOLOGY CORPORATION]
Direct Link  http://www.passivecomponent.com/
Logo WALSIN - WALSIN TECHNOLOGY CORPORATION

WW08RR010JQL Datasheet(HTML) 1 Page - WALSIN TECHNOLOGY CORPORATION

  WW08RR010JQL Datasheet HTML 1Page - WALSIN TECHNOLOGY CORPORATION WW08RR010JQL Datasheet HTML 2Page - WALSIN TECHNOLOGY CORPORATION WW08RR010JQL Datasheet HTML 3Page - WALSIN TECHNOLOGY CORPORATION WW08RR010JQL Datasheet HTML 4Page - WALSIN TECHNOLOGY CORPORATION WW08RR010JQL Datasheet HTML 5Page - WALSIN TECHNOLOGY CORPORATION WW08RR010JQL Datasheet HTML 6Page - WALSIN TECHNOLOGY CORPORATION WW08RR010JQL Datasheet HTML 7Page - WALSIN TECHNOLOGY CORPORATION WW08RR010JQL Datasheet HTML 8Page - WALSIN TECHNOLOGY CORPORATION WW08RR010JQL Datasheet HTML 9Page - WALSIN TECHNOLOGY CORPORATION Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
Approval sheet
Page 1 of 10
ASC_WW06 08 12R_V09
FEB - 2017
WW12R, WW08R, WW06R
1%, 5%
Metal Low Ohm Power Chip Resistors
Size 1206 (1W), 0805 (0.5W), 0603 (0.33W)
RoHS Exemption free and Lead free
Sensing Type
*Contents in this sheet are subject to change without prior notice.


Similar Part No. - WW08RR010JQL

ManufacturerPart #DatasheetDescription
logo
WALSIN TECHNOLOGY CORPO...
WW08CR020FAL WALSIN-WW08CR020FAL Datasheet
194Kb / 8P
Low ohm chip resistors
WW08CR020FTL WALSIN-WW08CR020FTL Datasheet
194Kb / 8P
Low ohm chip resistors
WW08CR020JAL WALSIN-WW08CR020JAL Datasheet
194Kb / 8P
Low ohm chip resistors
WW08CR020JTL WALSIN-WW08CR020JTL Datasheet
194Kb / 8P
Low ohm chip resistors
WW08CR025FAL WALSIN-WW08CR025FAL Datasheet
194Kb / 8P
Low ohm chip resistors
More results

Similar Description - WW08RR010JQL

ManufacturerPart #DatasheetDescription
logo
WALSIN TECHNOLOGY CORPO...
WW08K WALSIN-WW08K Datasheet
192Kb / 7P
Metal Ultra low ohm power chip resistors
WW12J WALSIN-WW12J Datasheet
488Kb / 7P
Metal Ultra low ohm power chip resistors
WW12K WALSIN-WW12K Datasheet
505Kb / 7P
Metal Ultra low ohm power chip resistors
WW12R_V WALSIN-WW12R_V Datasheet
583Kb / 9P
Metal low ohm power chip resistors
WW25A_J WALSIN-WW25A_J Datasheet
449Kb / 8P
Metal low ohm current sensing chip resistors
WW25B_J WALSIN-WW25B_J Datasheet
449Kb / 8P
Metal low ohm current sensing chip resistors
WW25M WALSIN-WW25M Datasheet
199Kb / 7P
Metal Plate Low Ohm Power Chip Resistors
WW25Q WALSIN-WW25Q Datasheet
238Kb / 8P
Metal plate low ohm power chip resistors
WW25R WALSIN-WW25R Datasheet
246Kb / 8P
Metal Plate Low Ohm Power Chip Resistors
WW25R_J WALSIN-WW25R_J Datasheet
239Kb / 8P
Metal plate low ohm power chip resistors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com