Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

WW08RR010JQL Datasheet(PDF) 2 Page - WALSIN TECHNOLOGY CORPORATION

Part # WW08RR010JQL
Description  Metal Low Ohm Power Chip Resistors
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WALSIN [WALSIN TECHNOLOGY CORPORATION]
Direct Link  http://www.passivecomponent.com/
Logo WALSIN - WALSIN TECHNOLOGY CORPORATION

WW08RR010JQL Datasheet(HTML) 2 Page - WALSIN TECHNOLOGY CORPORATION

  WW08RR010JQL Datasheet HTML 1Page - WALSIN TECHNOLOGY CORPORATION WW08RR010JQL Datasheet HTML 2Page - WALSIN TECHNOLOGY CORPORATION WW08RR010JQL Datasheet HTML 3Page - WALSIN TECHNOLOGY CORPORATION WW08RR010JQL Datasheet HTML 4Page - WALSIN TECHNOLOGY CORPORATION WW08RR010JQL Datasheet HTML 5Page - WALSIN TECHNOLOGY CORPORATION WW08RR010JQL Datasheet HTML 6Page - WALSIN TECHNOLOGY CORPORATION WW08RR010JQL Datasheet HTML 7Page - WALSIN TECHNOLOGY CORPORATION WW08RR010JQL Datasheet HTML 8Page - WALSIN TECHNOLOGY CORPORATION WW08RR010JQL Datasheet HTML 9Page - WALSIN TECHNOLOGY CORPORATION Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
Approval sheet
Page 2 of 10
ASC_WW06 08 12R_V09
FEB - 2017
FEATURE
1.
Metal ultra low and stable TCR performance
2.
High power rating and compact size
3.
High reliability and stability
4.
Reduced size of final equipment
5.
RoHS exemption free & Halogen free & Lead free
6.
Inductance below 1nH
APPLICATION
Power supply
PDA
Digital meter
Computer
Automotives
Battery charger
DC-DC power converter
DESCRIPTION
The resistors are constructed in a high grade low resistive metal body. The resistive layer is covered with a
protective coat and printed a resistance marking code over it. Finally, the two external end terminations are
added. For ease of soldering the outer layer of these end terminations is a Lead free terminations.
Fig 1. Construction of Chip-R



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com