Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SMB3018SC Datasheet(PDF) 1 Page - Banner Engineering Corp.

Part # SMB3018SC
Description  WORLD-BEAM짰 QS18E Series
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BANNER [Banner Engineering Corp.]
Direct Link  https://www.bannerengineering.com/us/en.html
Logo BANNER - Banner Engineering Corp.

SMB3018SC Datasheet(HTML) 1 Page - Banner Engineering Corp.

  SMB3018SC Datasheet HTML 1Page - Banner Engineering Corp. SMB3018SC Datasheet HTML 2Page - Banner Engineering Corp. SMB3018SC Datasheet HTML 3Page - Banner Engineering Corp. SMB3018SC Datasheet HTML 4Page - Banner Engineering Corp. SMB3018SC Datasheet HTML 5Page - Banner Engineering Corp. SMB3018SC Datasheet HTML 6Page - Banner Engineering Corp. SMB3018SC Datasheet HTML 7Page - Banner Engineering Corp. SMB3018SC Datasheet HTML 8Page - Banner Engineering Corp. SMB3018SC Datasheet HTML 9Page - Banner Engineering Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
Datasheet
• Easy-to-use Expert-style Static and Dynamic TEACH options, plus Window, Light, and Dark
SET, via push button or remote input
• Smart power-control algorithm to maximize performance in low-contrast applications
• Easy push-button or remote sensor setup options:
◦ Dark-Operate/Light-Operate select
◦ Selectable 30 ms output OFF-delay
• Less than 1 millisecond output response for excellent sensing repeatability
• Tough ABS housing is rated IEC IP67; NEMA 6
• Bright LED operating status indicators are visible from 360°
• Discrete PNP or NPN output, depending on model
• Multiple connection options available (see Models)
• Compact housing, easy barrel-mount (some models) or side-mount installation
WARNING: Not To Be Used for Personnel Protection
Never use this device as a sensing device for personnel protection. Doing so could lead to serious injury or death. This device
does not include the self-checking redundant circuitry necessary to allow its use in personnel safety applications. A sensor failure
or malfunction can cause either an energized or de-energized sensor output condition.
Model
Sensing Mode
Range
Output
Model
Sensing Mode
Range
Output
QS18EN6LP
660 nm Visible Red
P
POLAR RETRO
3.5 m (12 ft)
1
NPN
QS18EN6CV15
660 nm Visible Red
CONVERGENT
16 mm (0.65
in)
NPN
QS18EP6LP
PNP
QS18EP6CV15
PNP
QS18EN6D
940 nm Infrared
DIFFUSE
800 mm (31.5
in)
NPN
QS18EN6CV45
43 mm (1.7
in)
NPN
QS18EP6D
PNP
QS18EP6CV45
PNP
QS18EN6DB
500 mm (19.7
in)
NPN
QS18EN6FP
660 nm Visible Red
PLASTIC FIBER
Varies by
mode and
fiber optics
used
NPN
QS18EP6DB
PNP
QS18EP6FP
PNP
QS18EN6W
300 mm (11.8
in)
NPN
QS18EN6DV
660 nm Visible Red
DIFFUSE
600 mm
(23.6 in)
NPN
QS18EP6W
PNP
QS18EP6DV
PNP
The standard 2 m (6.5 ft) cable models are listed. To order the 9 m (30 ft) cable models, add the suffix "W/30" to the cabled model number. For example, QS18EN6FP W/30. Models with a
quick disconnect (QD) connector require a mating cable.
To order a model with a 4-pin QD 150 mm (6 in) Euro-style pigtail, add suffix “Q5” (for example, QS18EN6FPQ5).
To order a model with a 4-pin 150 mm (6 in) Pico-style pigtail, add suffix “Q” (for example, QS18EN6FPQ).
To order a model with a 4-pin Integral Euro-style QD, add suffix “Q8” (for example, QS18EN6FPQ8).
To order a model with a 4-pin Integral Pico-style QD, add suffix “Q7” (for example, QS18EN6FPQ7).
1 Specified using BRT-84 reflector (sold separately)
WORLD-BEAM® QS18E Series
Original Document
136564 Rev. E
14 March 2017
136564


Similar Part No. - SMB3018SC

ManufacturerPart #DatasheetDescription
logo
Banner Engineering Corp...
SMB3018SC BANNER-SMB3018SC Datasheet
1Mb / 13P
MINI-BEAM SME312 Expert Series
SMB3018SC BANNER-SMB3018SC Datasheet
909Kb / 10P
MINI-BEAM짰 MIAD9 NAMUR Series Sensor
SMB3018SC BANNER-SMB3018SC Datasheet
572Kb / 6P
WORLD-BEAM® QS18LD Laser Diffuse Series Sensors
Rev. F 4 January 2017
More results

Similar Description - SMB3018SC

ManufacturerPart #DatasheetDescription
logo
TRIAD MAGNETICS
VPT12-4170 TRIAD-VPT12-4170 Datasheet
236Kb / 1P
TOROIDAL WORLD SERIES
VPT18-2780 TRIAD-VPT18-2780 Datasheet
239Kb / 1P
TOROIDAL WORLD SERIES
VPT18-8800 TRIAD-VPT18-8800 Datasheet
239Kb / 1P
TOROIDAL WORLD SERIES
VPT24-1040 TRIAD-VPT24-1040 Datasheet
239Kb / 1P
TOROIDAL WORLD SERIES
VPT36-2780 TRIAD-VPT36-2780 Datasheet
239Kb / 1P
TOROIDAL WORLD SERIES
VPT48-1040 TRIAD-VPT48-1040 Datasheet
239Kb / 1P
TOROIDAL WORLD SERIES
VPT48-10400 TRIAD-VPT48-10400 Datasheet
239Kb / 1P
TOROIDAL WORLD SERIES
VPT230-220 TRIAD-VPT230-220 Datasheet
239Kb / 1P
TOROIDAL WORLD SERIES
logo
Energizer
HD5L33A4 ENERGIZER-HD5L33A4 Datasheet
270Kb / 1P
Brilliant Beam짰 Headlight
logo
Banner Engineering Corp...
MIAD9 BANNER-MIAD9 Datasheet
909Kb / 10P
MINI-BEAM짰 MIAD9 NAMUR Series Sensor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com