Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SMB3018SC Datasheet(PDF) 2 Page - Banner Engineering Corp.

Part # SMB3018SC
Description  WORLD-BEAM짰 QS18E Series
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BANNER [Banner Engineering Corp.]
Direct Link  https://www.bannerengineering.com/us/en.html
Logo BANNER - Banner Engineering Corp.

SMB3018SC Datasheet(HTML) 2 Page - Banner Engineering Corp.

  SMB3018SC Datasheet HTML 1Page - Banner Engineering Corp. SMB3018SC Datasheet HTML 2Page - Banner Engineering Corp. SMB3018SC Datasheet HTML 3Page - Banner Engineering Corp. SMB3018SC Datasheet HTML 4Page - Banner Engineering Corp. SMB3018SC Datasheet HTML 5Page - Banner Engineering Corp. SMB3018SC Datasheet HTML 6Page - Banner Engineering Corp. SMB3018SC Datasheet HTML 7Page - Banner Engineering Corp. SMB3018SC Datasheet HTML 8Page - Banner Engineering Corp. SMB3018SC Datasheet HTML 9Page - Banner Engineering Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
Overview of QS18E Expert Series Sensors
4
3
2
1
5
Figure 1. Sensor features
The QS18E Expert Sensors family of sensors provides high-performance sensing in a compact package.
The sensors feature a discrete output (NPN or PNP, depending on model), two bright LEDs for easy
status monitoring during configuration and operation, multiple configuration options, remote
configuration, and security lockout options.
1. Amber output LED
2. Green power indicator LED
3. Receiver port
4. Emitter port
5. Configuration button
Indicators (Two LEDs: One Green, One Amber)
Sensor Condition (Run Mode)
Green LED
Amber LED
Output OFF
ON
OFF
Output ON
ON
ON
Output ON, marginal signal
ON
Flashing
Output Short Circuit
Flashing
OFF
Wiring Diagrams
NPN (Sinking) Outputs
Remote
Programming
(N.O.)
10-30V dc
Load
PNP (Sourcing) Outputs
Load
10–30 V dc
Remote
Programming
(N.O.)
Cabled wiring diagrams are shown. Quick disconnect (QD) wiring diagrams are functionally identical.
WORLD-BEAM® QS18E Series
2
www.bannerengineering.com - Tel: +1-763-544-3164
P/N 136564 Rev. E



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com