Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SMB3018SC Datasheet(PDF) 3 Page - Banner Engineering Corp.

Part # SMB3018SC
Description  WORLD-BEAM짰 QS18E Series
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BANNER [Banner Engineering Corp.]
Direct Link  https://www.bannerengineering.com/us/en.html
Logo BANNER - Banner Engineering Corp.

SMB3018SC Datasheet(HTML) 3 Page - Banner Engineering Corp.

  SMB3018SC Datasheet HTML 1Page - Banner Engineering Corp. SMB3018SC Datasheet HTML 2Page - Banner Engineering Corp. SMB3018SC Datasheet HTML 3Page - Banner Engineering Corp. SMB3018SC Datasheet HTML 4Page - Banner Engineering Corp. SMB3018SC Datasheet HTML 5Page - Banner Engineering Corp. SMB3018SC Datasheet HTML 6Page - Banner Engineering Corp. SMB3018SC Datasheet HTML 7Page - Banner Engineering Corp. SMB3018SC Datasheet HTML 8Page - Banner Engineering Corp. SMB3018SC Datasheet HTML 9Page - Banner Engineering Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
Sensor Configuration
Configure the sensor using any of five TEACH or Set options (by push button or the remote wire) to
define the sensing limits. Use a Setup procedure to enable a 30 ms OFF-delay or to change the Light-/
Dark-Operate setting (see Sensor Setup on page 3). Sensing limit configuration options include:
• Static TEACH: one switching threshold, determined by two taught conditions
• Dynamic (on-the-fly) TEACH: one switching threshold, determined by multiple sampled
conditions
• Light Set and Dark Set: one switching threshold, offset from a single sensing condition (the
“dark” condition or the “light” condition; see Figure)
• Window Set: a sensing window, centered around a single sensing condition
The sensor’s output is disabled during all TEACH and Set procedures, and is enabled upon return to Run
mode.
Following any TEACH or Set procedure other than Static TEACH, the Output ON condition (Light- or
Dark-Operate setting) remains as it was last configured. To change that setting or the OFF-delay setting,
see Sensor Setup on page 3.
Figure 2. Dark Sensing Condition
Remote Configuration
Use the remote function to configure the sensor remotely or to disable the push button for security. Connect the white wire of the sensor to ground (0V
dc), through a remote programming switch. Pulse the remote line according to the diagrams in the configuration procedures. The length of the individual
programming pulses is equal to the value T: 0.04 seconds ≤ T ≤ 0.8 seconds
Push Button Enable/Disable
The remote input may be used to disable the sensor push button to prevent unauthorized adjustment. Connect the white wire of the sensor as described
above to perform the procedure below to either enable or disable the feature.
Push Button Enable/Disable
Push Button ( 0.04 seconds ≤ "Click" ≤
0.8 seconds)
Remote Line ( 0.04 seconds ≤ T ≤ 0.8 seconds)
Result
Not available
From Run mode, four-pulse the remote line.
T
T
T
T
T
T
T
Sensor toggles between enable/disable settings and returns to RUN
mode.
Power LED: Flashes 3x, then ON Green
Output LED: OFF,2 then ON or OFF, depending on output state
Returning to RUN Mode without Saving Settings
Exit Static TEACH and Set modes after the automatic 60-second time-out or by manually exiting the process. To manual exit, press and hold the push
button (or hold the remote line low) for 2 seconds. The sensor returns to Run mode without saving any new settings.
Sensor Setup
Access setup functions directly from Run mode using the following procedures.
30 ms OFF-Delay (Pulse Stretcher) Enable/Disable
Push Button (0.04 seconds ≤ “Click” ≤ 0.8
seconds)
Remote Line (0.04 seconds ≤ T ≤ 0.8 seconds)
Results
From Run mode, six-click the push button.
From Run mode, six-pulse remote line.
T
T
T
T
T
T
T
T
T
T
T
Sensor toggles between enable/disable settings and
returns to Run mode.
Power LED: Flashes 3x, then ON Green
Output LED: Enabled – ON, 3
Disabled – OFF, 3
Then ON or OFF, depending on output state
2 Initial output LED condition is simultaneous with Power LED 3-flash
3 Initial Output LED condition is simultaneous with Power LED 3-flash.
WORLD-BEAM® QS18E Series
P/N 136564 Rev. E
www.bannerengineering.com - Tel: +1-763-544-3164
3



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com