Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ACTT10-800CT Datasheet(PDF) 1 Page - WeEn Semiconductors

Part # ACTT10-800CT
Description  AC Thyristor Triac power switch
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WEEN [WeEn Semiconductors]
Direct Link  http://www.ween-semi.com
Logo WEEN - WeEn Semiconductors

ACTT10-800CT Datasheet(HTML) 1 Page - WeEn Semiconductors

  ACTT10-800CT Datasheet HTML 1Page - WeEn Semiconductors ACTT10-800CT Datasheet HTML 2Page - WeEn Semiconductors ACTT10-800CT Datasheet HTML 3Page - WeEn Semiconductors ACTT10-800CT Datasheet HTML 4Page - WeEn Semiconductors ACTT10-800CT Datasheet HTML 5Page - WeEn Semiconductors ACTT10-800CT Datasheet HTML 6Page - WeEn Semiconductors ACTT10-800CT Datasheet HTML 7Page - WeEn Semiconductors ACTT10-800CT Datasheet HTML 8Page - WeEn Semiconductors ACTT10-800CT Datasheet HTML 9Page - WeEn Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
ACTT10-800CT
AC Thyristor Triac power switch
5 September 2018
Product data sheet
1. General description
AC Thyristor Triac power switch in a SOT78 (TO-220AB) plastic package with self-protective
clamping capabilities against low and high energy transients.
2. Features and benefits
• Clamping structure ensuring safe high over-voltage withstand capability
• High junction operating temperature capability
• Full cycle AC conduction
• Over-voltage withstand capability to IEC 61000-4-5
• Pin compatible with standard triacs
• Planar passivated for voltage ruggedness and reliability
• Protective self turn-on capability for high energy transients
• Safe clamping capability for low energy over-voltage transients
• Less sensitive gate for high noise immunity
• Triggering in three quadrants only
• Very high immunity to false turn-on by dV/dt
3. Applications
• AC fan, pump and compressor controls
• Highly inductive, resistive and safety loads
• Large and small appliances (White Goods)
• Reversing induction motor controls
4. Quick reference data
Table 1. Quick reference data
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
VDRM
repetitive peak off-
state voltage
-
-
800
V
IT(RMS)
RMS on-state current
full sine wave; Tmb ≤ 125 °C; Fig. 1;
Fig. 2; Fig. 3
-
-
10
A
full sine wave; Tj(init) = 25 °C;
tp = 20 ms; Fig. 4; Fig. 5
-
-
90
A
ITSM
non-repetitive peak on-
state current
full sine wave; Tj(init) = 25 °C;
tp = 16.7 ms
-
-
99
A
Tj
junction temperature
-
-
150
°C
VPP
peak pulse voltage
Tj = 25 °C; non-repetitive, off-state;
Fig. 6
-
-
2
kV


Similar Part No. - ACTT10-800CT

ManufacturerPart #DatasheetDescription
logo
WeEn Semiconductors
ACTT10-800CTN WEEN-ACTT10-800CTN Datasheet
237Kb / 14P
Enhanced, high temperature ACTT power switch
More results

Similar Description - ACTT10-800CT

ManufacturerPart #DatasheetDescription
logo
WeEn Semiconductors
ACTT2S-800E WEEN-ACTT2S-800E Datasheet
267Kb / 13P
AC Thyristor Triac power switch
ACTT4S-800E WEEN-ACTT4S-800E Datasheet
272Kb / 13P
AC Thyristor Triac power switch
ACTT4X-800C WEEN-ACTT4X-800C Datasheet
245Kb / 14P
AC Thyristor Triac power switch
ACTT6-800E WEEN-ACTT6-800E Datasheet
210Kb / 14P
AC Thyristor Triac power switch
ACTT8-800C0 WEEN-ACTT8-800C0 Datasheet
202Kb / 13P
AC Thyristor Triac power switch
ACTT8B-800C0 WEEN-ACTT8B-800C0 Datasheet
498Kb / 13P
AC Thyristor Triac power switch
ACTT8X-800C0 WEEN-ACTT8X-800C0 Datasheet
238Kb / 13P
AC Thyristor Triac power switch
ACTT10X-800CT WEEN-ACTT10X-800CT Datasheet
233Kb / 13P
AC Thyristor Triac power switch
ACTT12-800C WEEN-ACTT12-800C Datasheet
201Kb / 13P
AC Thyristor Triac power switch
ACTT12-800CT WEEN-ACTT12-800CT Datasheet
201Kb / 13P
AC Thyristor Triac power switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com