Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ACTT10-800CT Datasheet(PDF) 5 Page - WeEn Semiconductors

Part # ACTT10-800CT
Description  AC Thyristor Triac power switch
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WEEN [WeEn Semiconductors]
Direct Link  http://www.ween-semi.com
Logo WEEN - WeEn Semiconductors

ACTT10-800CT Datasheet(HTML) 5 Page - WeEn Semiconductors

  ACTT10-800CT Datasheet HTML 1Page - WeEn Semiconductors ACTT10-800CT Datasheet HTML 2Page - WeEn Semiconductors ACTT10-800CT Datasheet HTML 3Page - WeEn Semiconductors ACTT10-800CT Datasheet HTML 4Page - WeEn Semiconductors ACTT10-800CT Datasheet HTML 5Page - WeEn Semiconductors ACTT10-800CT Datasheet HTML 6Page - WeEn Semiconductors ACTT10-800CT Datasheet HTML 7Page - WeEn Semiconductors ACTT10-800CT Datasheet HTML 8Page - WeEn Semiconductors ACTT10-800CT Datasheet HTML 9Page - WeEn Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
WeEn Semiconductors
ACTT10-800CT
AC Thyristor Triac power switch
ACTT10-800CT
All information provided in this document is subject to legal disclaimers.
© WeEn Semiconductors Co., Ltd. 2018. All rights reserved
Product data sheet
5 September 2018
5 / 13
aaa-013619
10
102
103
10-5
10-4
10-3
10-2
10-1
tp (s)
ITSM
(A)
ITSM
t
IT
Tj(init) = 25 °C max
tp
(1)
tp ≤ 20 ms
(1) dIT/dt limit
Fig. 5. Non-repetitive peak on-state current as a function of pulse width; maximum values
L
R
220
RG
DUT
Load Model
2
RGen
AC Mains
Filtering Unit
IEC 61000-4-5 Standards
Surge Generator
13
2 H
003aal147
Fig. 6. Test circuit for inductive and resistive loads with conditions equivalent to IEC 61000-4-5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com