Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CBM-DC2 Datasheet(PDF) 1 Page - COREBAI Microelectronics (Beijing) Co., Ltd.

Part # CBM-DC2
Description  Product manual
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COREBAI [COREBAI Microelectronics (Beijing) Co., Ltd.]
Direct Link  http://www.corebai.com/en/
Logo COREBAI - COREBAI Microelectronics (Beijing) Co., Ltd.

CBM-DC2 Datasheet(HTML) 1 Page - COREBAI Microelectronics (Beijing) Co., Ltd.

  CBM-DC2 Datasheet HTML 1Page - COREBAI Microelectronics (Beijing) Co., Ltd. CBM-DC2 Datasheet HTML 2Page - COREBAI Microelectronics (Beijing) Co., Ltd. CBM-DC2 Datasheet HTML 3Page - COREBAI Microelectronics (Beijing) Co., Ltd. CBM-DC2 Datasheet HTML 4Page - COREBAI Microelectronics (Beijing) Co., Ltd. CBM-DC2 Datasheet HTML 5Page - COREBAI Microelectronics (Beijing) Co., Ltd. CBM-DC2 Datasheet HTML 6Page - COREBAI Microelectronics (Beijing) Co., Ltd. CBM-DC2 Datasheet HTML 7Page - COREBAI Microelectronics (Beijing) Co., Ltd. CBM-DC2 Datasheet HTML 8Page - COREBAI Microelectronics (Beijing) Co., Ltd. CBM-DC2 Datasheet HTML 9Page - COREBAI Microelectronics (Beijing) Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 45 page
background image
1
www.corebai.com
CBM-DC2
产品手册
产品特性
QFN 32 脚封装
I/O 电压:1.8v——5.5v
Core 电压:1.8v——3.6v
最大 1MHZ 的连续数据输出率
温度范围-40℃——125℃
四线 SPI 接口
脉冲发生器
时钟校准单元
精确停止脉冲使能窗口
上升沿/下降沿单独触发或者上升沿和下降沿
同时触发
测量范围 1
双通道,典型分辨率可达 50ps rms
测量范围 0——1.8us
间隔脉冲对分辨能力为 15ns,每个通道可进
行 4 次采样
可测量 4 次采样中任意 2 个采样之间的时
间间隔
输入信号可以选择上升沿/下降沿单独触发,或
者上升沿和下降沿同时触发
停止信号使能窗口可提供准确的 stop 使能
测量范围 2
单通道,典型分辨率可达 50ps rms
测量范围 500ns——4ms
间隔脉冲对分辨能力为两个校准时钟周期,可
进行 3 次采样
输入信号可以选择上升沿/下降沿单独触发,或
者上升沿和下降沿同时触发
3 次采样中分别由三个去噪声窗口过滤
产品概述
CBM-DC2 是 COREBAI 公司通用 CBM 系
列的新一代产品。它具有更高的精度和更小的封装,
尤其适合于低成本的工业应用领域。DC2 具有高
速脉冲发生器,停止信号使能,温度测量和时钟控
制等功能,这些特殊功能模块使得它尤其适合于超
声波流量测量和热量测量方面的应用。
温度测量单元
两个或者四个传感器
可选择 PT500/PT1000 或者更高的温度传感
器
有效分辨率可达 16 位(每个铂金温度传感器
的分辨率可达 0.004℃)
超低的电流消耗(每 30 秒测量一次时,电流
只有 0.08µA)


Similar Part No. - CBM-DC2

ManufacturerPart #DatasheetDescription
logo
Luminus, Inc
CBM-120 LUMINUS-CBM-120 Datasheet
1Mb / 12P
Mosaic Array Series Far Red Chip On Board LEDs
2020
CBM-120-FR LUMINUS-CBM-120-FR Datasheet
1Mb / 12P
Mosaic Array Series Far Red Chip On Board LEDs
CBM-120-FR LUMINUS-CBM-120-FR Datasheet
1Mb / 12P
Mosaic Array Series Far Red Chip On Board LEDs
2020
CBM-120-FR-C15-FF LUMINUS-CBM-120-FR-C15-FF Datasheet
1Mb / 12P
Mosaic Array Series Far Red Chip On Board LEDs
2020
CBM-120-UV LUMINUS-CBM-120-UV Datasheet
3Mb / 14P
Ultraviolet Chip On Board LEDs
2022
More results

Similar Description - CBM-DC2

ManufacturerPart #DatasheetDescription
logo
Hynix Semiconductor
GMS30C2116 HYNIX-GMS30C2116 Datasheet
1Mb / 322P
USERS MANUAL
logo
List of Unclassifed Man...
SDSDQAB-004G ETC2-SDSDQAB-004G Datasheet
768Kb / 27P
OEM Product Manual
ETRX2-PA ETC2-ETRX2-PA Datasheet
771Kb / 33P
ETRX2-PA and ETRX2HR-PA ZIGBEE MODULES PRODUCT MANUAL
logo
RMT Ltd.
HTX RMT-HTX Datasheet
869Kb / 36P
Operating Manual
logo
COREBAI Microelectronic...
CBM97D79TQ COREBAI-CBM97D79TQ Datasheet
1Mb / 15P
Product manual
logo
Shenzhen TOPWAY Technol...
LMT070DICFWD-NLC TOPWAY-LMT070DICFWD-NLC Datasheet
855Kb / 9P
manual
logo
List of Unclassifed Man...
G2AS ETC1-G2AS Datasheet
747Kb / 16P
MANUAL DE INSTALACION / INSTALLATION MANUAL
AM2315 ETC1-AM2315 Datasheet
1,023Kb / 19P
Digital temperature and humidity sensor AM2315 Product Manual
logo
Shanghai Leiditech Elec...
LDB80-385 LEIDITECH-LDB80-385 Datasheet
207Kb / 1P
Power System Class I Surge Protector Product Manual
LDC40-385 LEIDITECH-LDC40-385 Datasheet
209Kb / 1P
Power System Class ??Surge Protector Product Manual
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com