Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CBM-DC2 Datasheet(PDF) 2 Page - COREBAI Microelectronics (Beijing) Co., Ltd.

Part # CBM-DC2
Description  Product manual
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COREBAI [COREBAI Microelectronics (Beijing) Co., Ltd.]
Direct Link  http://www.corebai.com/en/
Logo COREBAI - COREBAI Microelectronics (Beijing) Co., Ltd.

CBM-DC2 Datasheet(HTML) 2 Page - COREBAI Microelectronics (Beijing) Co., Ltd.

  CBM-DC2 Datasheet HTML 1Page - COREBAI Microelectronics (Beijing) Co., Ltd. CBM-DC2 Datasheet HTML 2Page - COREBAI Microelectronics (Beijing) Co., Ltd. CBM-DC2 Datasheet HTML 3Page - COREBAI Microelectronics (Beijing) Co., Ltd. CBM-DC2 Datasheet HTML 4Page - COREBAI Microelectronics (Beijing) Co., Ltd. CBM-DC2 Datasheet HTML 5Page - COREBAI Microelectronics (Beijing) Co., Ltd. CBM-DC2 Datasheet HTML 6Page - COREBAI Microelectronics (Beijing) Co., Ltd. CBM-DC2 Datasheet HTML 7Page - COREBAI Microelectronics (Beijing) Co., Ltd. CBM-DC2 Datasheet HTML 8Page - COREBAI Microelectronics (Beijing) Co., Ltd. CBM-DC2 Datasheet HTML 9Page - COREBAI Microelectronics (Beijing) Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 45 page
background image
2
www.corebai.com
CBM-DC2
产品手册
电子特性
最大绝对限度值
电源电压
Vcc VS. GND
Vio VS. GND
输出电流(Iout)
存储温度(Tstg)
最大结温(Tj)
-0.3 to 4
-0.3 to 7
±30
-65 to 150
125
V
V
mA
℃
℃
推荐使用工作条件
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
Vcc
Core supply voltage*
Vio > Vcc
1.8
3.6
V
Vio
I/O supply voltage
1.8
5.5
V
tri
Normal Input Rising Time
50
ns
tfa
Normal Input Falling Time
50
ns
tri
Schmitt Trigger Rising Time
5
ms
tfa
Schmitt Trigger Falling Time
5
ms
Ta
Ambient Temperature
Tj must not exceed 125°C
-40
120
℃
*包括晶振管脚 XIN,XOUT,Clk32In,Clk32Out
直流电特性(Vio = Vcc = 3.3 V±0.3 V, Tj = -40 to +85℃)
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
I32
Current 32 kHz
Icc + Iio, only 32kHz oscil-lator
running, Vcc = 3.6 V
4.5
µA
Ihs
Current 4 Mhz :
Icc + Iio, only ClkHS running
cont. at 4MHz, Vcc = 3.6 V
260
µA
Itmu
Current time measuring unit
only during active time
measurement
15
mA
Iddq
Quiescent current
all clocks off,
Vio = Vcc = 3.6V @ 85℃
<150
nA
Il
Input Leakage Current
-1
+1
µA
Voh
Ioh= tbd mA Vio=Min.
Vio-0.4
V
Vol
Iol = tbd mA, Vio=Min
0.4
V
Vih
LVTTL Level, Vio = Max.
2.0
V
Vil
LVTTL Level, Vio = Min.
0.8
V
Vth
1.1
2.4
V
Vtl
0.6
1.8
V
Vh
0.1
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com