| Electronic Components Datasheet Search |
|
R58ECRGB1Q. Datasheet(PDF) 7 Page - Banner Engineering Corp. |
|
|
|||||||||||||||||||||||||||||
R58ECRGB1Q. Datasheet(HTML) 7 Page - Banner Engineering Corp. |
|
7 / 11 page ![]() • Light or Dark Operate • 30-millisecond pulse stretcher (OFF-delay), if required • 30-millisecond ON-delay, if required Setup mode is also used to disable one or more sensing beam colors, to force the sensor to use a particular color. Access Setup mode only if the settings which result from TEACH mode configuration are not the settings required for the application or if a delay is required. The status LEDs indicate the output response configuration when the sensor is in Run mode, as shown. LO No delay DO No delay LO OFF-delay DO OFF-delay LO ON-delay DO ON-delay LO OFF-delay ON-delay DO OFF-delay ON-delay Increment or decrement through the 8 possible setting combinations Double-Pulse or Static Push Button Single-Pulse or Dynamic Push Button Figure 7. Output Response Configuration Options All Colors Red Green Blue Red and Green Red and Blue Green and Blue Increment or decrement through the 7 possible setting combinations Double-Pulse or Static Push Button Single-Pulse or Dynamic Push Button Figure 8. LED Color Configuration Options Change the output response settings or disable sensing beam color(s) as shown in Setup Configuration on page 7. Note: If Setup mode programming is interrupted and remains inactive for 60 seconds, the sensor returns to Run mode with the most recent settings (that is, exits and saves the current selection). Setup Configuration 1. Enter Setup mode. Method Action Result Push Button6 Press and hold both Static (-) and Dynamic (+) for > 2 seconds. The 8-segment display turns off. The sensor is in Setup mode. Remote Input7 Double-pulse the remote input. T T T 6 0.04 seconds ≤ “click” ≤ 0.8 seconds 7 0.04 seconds ≤ “T” ≤ 0.8 seconds R58E Series Expert™ Registration Mark Sensors P/N 122928 Rev. D www.bannerengineering.com - Tel: +1-763-544-3164 7 |
|
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |