Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SMBPVA13 Datasheet(PDF) 4 Page - Banner Engineering Corp.

Part # SMBPVA13
Description  PVA Pick-to-Light Array
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BANNER [Banner Engineering Corp.]
Direct Link  https://www.bannerengineering.com/us/en.html
Logo BANNER - Banner Engineering Corp.

SMBPVA13 Datasheet(HTML) 4 Page - Banner Engineering Corp.

  SMBPVA13 Datasheet HTML 1Page - Banner Engineering Corp. SMBPVA13 Datasheet HTML 2Page - Banner Engineering Corp. SMBPVA13 Datasheet HTML 3Page - Banner Engineering Corp. SMBPVA13 Datasheet HTML 4Page - Banner Engineering Corp. SMBPVA13 Datasheet HTML 5Page - Banner Engineering Corp. SMBPVA13 Datasheet HTML 6Page - Banner Engineering Corp. SMBPVA13 Datasheet HTML 7Page - Banner Engineering Corp. SMBPVA13 Datasheet HTML 8Page - Banner Engineering Corp.  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
Configuration
PVA configuration is accomplished using the DIP switches on the emitter and receiver as shown. When setting the DIP switches, use the
supplied plastic screwdriver to avoid damaging the switches or causing a short circuit.
Cover Removal
Cover Replacement
Insert a fingernail or small screwdriver into
the slot; apply gentle pressure, angling
away from the sensor lens. The cover will
remain tethered to the sensor housing.
To replace the switch cover, align one edge of the cover with the edge of the sensor
housing opening. Then press the front corners into place.
The switches determine four status operating modes:
• A/B frequency (to avoid crosstalk from multiple pairs of sensors)
• Light/dark operate
• Solid/flashing job light (depending on assembler and/or supervisor preference)
• Gate polarity
PVA Configuration DIP Switch Settings
*default settings
Switch
Emitter
Receiver
1 2 3 4
O
F
F
O
N
ON
OFF
Example Shown:
Switch #1
OFF
Switch #2
ON
Switch #3
OFF
Switch #4
ON
Figure 5. Configuration DIP switch setting positions
13
*ON = Frequency A
OFF = Frequency B
*ON = Frequency A
OFF = Frequency B
2
No function
ON = Light operate
*OFF = Dark operate
3
*ON = Job light steady
OFF = Job light flashes
*ON = Job light steady
OFF = Job light flashes
4
Job light control input: connect the white wire of the emitter and
receiver as follows:
Models PVA...P6
ON = Job light ON for +5 to 30V dc (27K input impedance)
*OFF = Job light ON for 0 to 2V dc/open circuit
Models PVA...N6
ON = Job light ON for +5 to 30V dc/open circuit
*OFF = Job light ON for 0 to 2V dc (10K input impedance)
3 Both emitter and receiver must be set to the same frequency in order to operate.
PVA Pick-to-Light Array
4
www.bannerengineering.com - Tel: +1-763-544-3164
P/N 52088 Rev. F



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com