Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SMBPVA13 Datasheet(PDF) 7 Page - Banner Engineering Corp.

Part # SMBPVA13
Description  PVA Pick-to-Light Array
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BANNER [Banner Engineering Corp.]
Direct Link  https://www.bannerengineering.com/us/en.html
Logo BANNER - Banner Engineering Corp.

SMBPVA13 Datasheet(HTML) 7 Page - Banner Engineering Corp.

  SMBPVA13 Datasheet HTML 1Page - Banner Engineering Corp. SMBPVA13 Datasheet HTML 2Page - Banner Engineering Corp. SMBPVA13 Datasheet HTML 3Page - Banner Engineering Corp. SMBPVA13 Datasheet HTML 4Page - Banner Engineering Corp. SMBPVA13 Datasheet HTML 5Page - Banner Engineering Corp. SMBPVA13 Datasheet HTML 6Page - Banner Engineering Corp. SMBPVA13 Datasheet HTML 7Page - Banner Engineering Corp. SMBPVA13 Datasheet HTML 8Page - Banner Engineering Corp.  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
SMBPVA1 Standard Bracket (2 Included with PVA)
Hardware Included with Each Sensor (kit part
number 50532)
40.6 mm
(1.60")
6.0 mm
(0.24")
6.0 mm
(0.24")
20.1 mm
(0.79")
18.0 mm
(0.71")
4 x ø4.6 mm
(0.18")
6.1 mm
(0.24")
2.0 mm
(0.08")
4 x R2.54
(0.10")
10.2 mm
(0.40")
10.2 mm
(0.40")
5.0 mm
(0.20")
5.0 mm
(0.20")
2 x 4.8 mm
(0.19")
22.9 mm
(0.90")
Qty
Description
4
Stainless steel Phillips panhead machine screws
(M4 x 0.7 x 12)
2
Stainless steel Phillips panhead machine screws
(M4 x 0.7 x 6)
2
Stainless steel Phillips panhead machine screws
(M4 x 0.7 x 18)
4
Stainless steel hex nuts (M4 x 0.7)
4
Stainless steel lock washers (M4 x 0.7)
1
Plastic screwdriver (3.6 cm/1.4 in long)
Accessories
Cordsets
4-Pin Threaded M12/Euro-Style Cordsets
Model
Length
Style
Dimensions
Pinout (Female)
MQDC-406
1.83 m (6 ft)
Straight
44 Typ.
ø 14.5
M12 x 1
2
3
4
1
1 = Brown
2 = White
3 = Blue
4 = Black
MQDC-415
4.57 m (15 ft)
MQDC-430
9.14 m (30 ft)
MQDC-450
15.2 m (50 ft)
Brackets
NOTE: Standard SMBPVA1 mounting brackets are included with each PVA System. The following brackets are in
addition to the standard brackets.
SMBPVA2
•
Set of 4 molded brackets
•
Snaps onto standard 28 mm
(1.1 in) diameter pipe
•
2 required per sensor
PVA Pick-to-Light Array
P/N 52088 Rev. F
www.bannerengineering.com - Tel: +1-763-544-3164
7



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com