Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SMBPVA13 Datasheet(PDF) 8 Page - Banner Engineering Corp.

Part # SMBPVA13
Description  PVA Pick-to-Light Array
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BANNER [Banner Engineering Corp.]
Direct Link  https://www.bannerengineering.com/us/en.html
Logo BANNER - Banner Engineering Corp.

SMBPVA13 Datasheet(HTML) 8 Page - Banner Engineering Corp.

  SMBPVA13 Datasheet HTML 1Page - Banner Engineering Corp. SMBPVA13 Datasheet HTML 2Page - Banner Engineering Corp. SMBPVA13 Datasheet HTML 3Page - Banner Engineering Corp. SMBPVA13 Datasheet HTML 4Page - Banner Engineering Corp. SMBPVA13 Datasheet HTML 5Page - Banner Engineering Corp. SMBPVA13 Datasheet HTML 6Page - Banner Engineering Corp. SMBPVA13 Datasheet HTML 7Page - Banner Engineering Corp. SMBPVA13 Datasheet HTML 8Page - Banner Engineering Corp.  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
SMBPVA.., SMBPVA..A, SMBPVA..AB
•
Protects sensor from impact
•
Provides DIP-switch and/or indicator light exposure (depending on model)
•
Heavy-duty cold-rolled steel-zinc finish
SMBPVA..A
SMBPVA..AB
SMBPVA..
35.6 mm
(1.40 in.)
19.3 mm
(0.76 in.)
L
35.6 mm
(1.40 in.)
19.3 mm
(0.76 in.)
L
35.6 mm
(1.40 in.)
19.3 mm
(0.76 in.)
L
Models
DIP Switch Access
Light Protected
Length (L)
Used With
SMBPVA5
Yes
No
139.7 mm
PVA100
SMBPVA5A
Yes
Yes
SMBPVA5AB
No
Yes
SMBPVA10
Yes
No
268.2 mm
PVA225
SMBPVA10A
Yes
Yes
SMBPVA10AB
No
Yes
SMBPVA13
Yes
No
343.3 mm
PVA300
SMBPVA13A
Yes
Yes
SMBPVA13AB
No
Yes
SMBPVA16
Yes
No
418.2 mm
PVA375
SMBPVA16A
Yes
Yes
SMBPVA16AB
No
Yes
Banner Engineering Corp. Limited Warranty
Banner Engineering Corp. warrants its products to be free from defects in material and workmanship for one year following the date of shipment. Banner Engineering Corp. will repair or replace, free
of charge, any product of its manufacture which, at the time it is returned to the factory, is found to have been defective during the warranty period. This warranty does not cover damage or liability
for misuse, abuse, or the improper application or installation of the Banner product.
THIS LIMITED WARRANTY IS EXCLUSIVE AND IN LIEU OF ALL OTHER WARRANTIES WHETHER EXPRESS OR IMPLIED (INCLUDING, WITHOUT LIMITATION, ANY WARRANTY OF
MERCHANTABILITY OR FITNESS FOR A PARTICULAR PURPOSE), AND WHETHER ARISING UNDER COURSE OF PERFORMANCE, COURSE OF DEALING OR TRADE USAGE.
This Warranty is exclusive and limited to repair or, at the discretion of Banner Engineering Corp., replacement. IN NO EVENT SHALL BANNER ENGINEERING CORP. BE LIABLE TO BUYER OR
ANY OTHER PERSON OR ENTITY FOR ANY EXTRA COSTS, EXPENSES, LOSSES, LOSS OF PROFITS, OR ANY INCIDENTAL, CONSEQUENTIAL OR SPECIAL DAMAGES RESULTING FROM
ANY PRODUCT DEFECT OR FROM THE USE OR INABILITY TO USE THE PRODUCT, WHETHER ARISING IN CONTRACT OR WARRANTY, STATUTE, TORT, STRICT LIABILITY,
NEGLIGENCE, OR OTHERWISE.
Banner Engineering Corp. reserves the right to change, modify or improve the design of the product without assuming any obligations or liabilities relating to any product previously manufactured by
Banner Engineering Corp. Any misuse, abuse, or improper application or installation of this product or use of the product for personal protection applications when the product is identified as not
intended for such purposes will void the product warranty. Any modifications to this product without prior express approval by Banner Engineering Corp will void the product warranties. All
specifications published in this document are subject to change; Banner reserves the right to modify product specifications or update documentation at any time. Specifications and product
information in English supersede that which is provided in any other language. For the most recent version of any documentation, refer to: www.bannerengineering.com.
PVA Pick-to-Light Array
© Banner Engineering Corp. All rights reserved



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com