Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AMC3301 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # AMC3301
Description  AMC3301 Precision, 짹250-mV Input, Reinforced Isolated Amplifier With Integrated DC/DC Converter
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

AMC3301 Datasheet(HTML) 1 Page - Texas Instruments

  AMC3301 Datasheet HTML 1Page - Texas Instruments AMC3301 Datasheet HTML 2Page - Texas Instruments AMC3301 Datasheet HTML 3Page - Texas Instruments AMC3301 Datasheet HTML 4Page - Texas Instruments AMC3301 Datasheet HTML 5Page - Texas Instruments AMC3301 Datasheet HTML 6Page - Texas Instruments AMC3301 Datasheet HTML 7Page - Texas Instruments AMC3301 Datasheet HTML 8Page - Texas Instruments AMC3301 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 23 page
background image
3.0 V to 5.5 V
ADS8363
16-Bit ADC
AMC3301
OUTP
OUTN
VDD
DCDCgnd
DCDCout
INP
INN
DCDChgnd
Diagnostics
Resonator
and
Driver
LDO
LDOout
LDO
DCDCin
Rectifier
HLDOout
GND
HLDOin
I
CISPR11-compliant
PCB layout example
HGND
No ground layer
on high-side
to
RSHUNT
Ground layer (blue)
on low-side
to ADC
Product
Folder
Order
Now
Technical
Documents
Tools &
Software
Support &
Community
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. ADVANCE INFORMATION for pre-production products; subject to
change without notice.
AMC3301
SBAS917 – AUGUST 2019
AMC3301 Precision, ±250-mV Input, Reinforced Isolated Amplifier
With Integrated DC/DC Converter
1
1 Features
1
•
3.3-V or 5-V single supply, CISPR11-compliant
operation with integrated DC/DC converter
•
±250-mV input voltage range optimized for current
measurement using shunt resistors
•
Fixed gain: 8.2
•
Low DC errors:
–
Initial offset voltage: ±0.2 mV (max)
–
Offset drift: ±5 µV/°C (max)
–
Initial gain error: ±0.4% (max)
–
Gain drift: ±60 ppm/°C (max)
–
Initial nonlinearity: ±0.075% (max)
•
System-level diagnostic features
•
Safety-related certifications:
–
7071-VPK reinforced isolation per DIN VDE V
0884-11 (VDE V 0884-11): 2017-01
–
5000-VRMS isolation for 1 minute per UL1577
•
High CMTI: 75 kV/µs (min)
2 Applications
•
Compact, isolated shunt-based current sensing in:
–
Photovoltaic inverters
–
Uninterruptible power supplies
–
Charging piles
–
Power delivery systems
–
Industrial robots
–
Compact frequency inverters
3 Description
The AMC3301 is a precision, isolated amplifier with a
fully integrated, isolated DC/DC converter that allows
single-supply operation from the low-side of the
device. The reinforced capacitive isolation barrier is
certified according to VDE V 0884-11 and UL1577
and separates parts of the system that operate on
different common-mode voltage levels and protects
lower-voltage parts from damage.
The input of the AMC3301 is optimized for direct
connection to shunt resistors or other low voltage-
level signal sources. The integrated isolated DC/DC
converter allows flexible placement of the shunt and
the AMC3301, and makes the device a unique
solution for space-constrained applications.
The excellent performance of the device supports
accurate current monitoring and control, resulting in
system-level power savings and, especially in motor
control applications, low torque ripple. The integrated
input
common-mode
overvoltage
and
DC/DC
converter operation fault detection features of the
AMC3301
simplify
system-level
design
and
diagnostics.
The
AMC3301
is
specified
over
the
extended
industrial temperature range of –40°C to +125°C.
Device Information(1)
PART NUMBER
PACKAGE
BODY SIZE (NOM)
AMC3301
SOIC (16)
10.30 mm × 7.50 mm
(1) For all available packages, see the orderable addendum at
the end of the data sheet.
Application Example


Similar Part No. - AMC3301

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
AMC3301 TI-AMC3301 Datasheet
1Mb / 37P
AMC3301-Q1 Precision, 짹250-mV Input, Reinforced Isolated Amplifier With Integrated DC/DC Converter
AMC3301 TI2-AMC3301 Datasheet
1Mb / 38P
AMC3301 Precision, ±250mV Input, Reinforced Isolated Amplifier With Integrated DC/DC Converter
REVISED MAY 2025
AMC3301-Q1 TI-AMC3301-Q1 Datasheet
1Mb / 37P
AMC3301-Q1 Precision, 짹250-mV Input, Reinforced Isolated Amplifier With Integrated DC/DC Converter
AMC3301-Q1 TI2-AMC3301-Q1 Datasheet
1Mb / 38P
AMC3301 Precision, ±250mV Input, Reinforced Isolated Amplifier With Integrated DC/DC Converter
REVISED MAY 2025
AMC3301DWE TI2-AMC3301DWE Datasheet
1Mb / 38P
AMC3301 Precision, ±250mV Input, Reinforced Isolated Amplifier With Integrated DC/DC Converter
REVISED MAY 2025
More results

Similar Description - AMC3301

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
AMC1300 TI1-AMC1300 Datasheet
1Mb / 35P
Precision, -250-mV Input, Reinforced Isolated Amplifier
AMC1300B-Q1 TI1-AMC1300B-Q1 Datasheet
1Mb / 32P
AMC1300B-Q1 Precision, 짹250-mV Input, Reinforced Isolated Amplifier
AMC3330-Q1 TI1-AMC3330-Q1 Datasheet
641Kb / 26P
AMC3330-Q1 Precision, 짹1-V Input, Reinforced Isolated Amplifier With Integrated DC/DC Converter
AMC3301-Q1 TI-AMC3301-Q1 Datasheet
1Mb / 37P
AMC3301-Q1 Precision, 짹250-mV Input, Reinforced Isolated Amplifier With Integrated DC/DC Converter
AMC3330-Q1 TI-AMC3330-Q1_V01 Datasheet
641Kb / 26P
AMC3330-Q1 Precision, 짹1-V Input, Reinforced Isolated Amplifier With Integrated DC/DC Converter
AMC3330 TI-AMC3330 Datasheet
1Mb / 36P
AMC3330 Precision, 짹1-V Input, Reinforced Isolated Amplifier With Integrated DC/DC Converter
AMC3302 TI-AMC3302_V01 Datasheet
956Kb / 25P
AMC3302 Precision, 짹50-mV Input, Reinforced Isolated Amplifier With Integrated DC/DC Converter
AMC3306M05 TI-AMC3306M05 Datasheet
2Mb / 39P
AMC3306M05 High-Precision, 짹50-mV Input, Reinforced Isolated Delta-Sigma Modulator With Integrated DC/DC Converter
AMC3302-Q1 TI-AMC3302-Q1 Datasheet
2Mb / 37P
AMC3302-Q1 Automotive High-Precision, 짹50-mV Input, Reinforced Isolated Amplifier With Integrated DC/DC Converter
AMC3311 TI-AMC3311 Datasheet
1Mb / 36P
AMC3311 Precision, 2-V Input, Reinforced Isolated Amplifier With Integrated DC/DC Converter
REVISED AUGUST 2023
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com