Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TVP7000PZP Datasheet(PDF) 19 Page - Texas Instruments

Click here to check the latest version.
Part # TVP7000PZP
Description  TRIPLE 8/10-BIT, 150/110 MSPS, VIDEO AND GRAPHICS DIGITIZER WITH ANALOG PLL
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TVP7000PZP Datasheet(HTML) 19 Page - Texas Instruments

Back Button TVP7000PZP Datasheet HTML 15Page - Texas Instruments TVP7000PZP Datasheet HTML 16Page - Texas Instruments TVP7000PZP Datasheet HTML 17Page - Texas Instruments TVP7000PZP Datasheet HTML 18Page - Texas Instruments TVP7000PZP Datasheet HTML 19Page - Texas Instruments TVP7000PZP Datasheet HTML 20Page - Texas Instruments TVP7000PZP Datasheet HTML 21Page - Texas Instruments TVP7000PZP Datasheet HTML 22Page - Texas Instruments TVP7000PZP Datasheet HTML 23Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 37 page
background image
www.ti.com
TVP7000
SLES143 – SEPTEMBER 2005
Table 6. Recommended Fine Clamp Settings
VIDEO STANDARD
CLAMP START
CLAMP WIDTH
HDTV (tri-level)
50 (32h)
32 (20h)
SDTV (bi-level)
6 (06h)
16 (10h)
PC Graphics
6 (06h)
16 (10h)
HSYNC Output Width
Subaddress
07h
Default (20h)
7
6
5
4
3
2
1
0
HSOUT Width [7:0]
HSOUT Width [7:0]: Sets the width in pixels for HSYNC output.
Blue Fine Gain
Subaddress
08h
Default (80h)
7
6
5
4
3
2
1
0
Blue Gain [7:0]
Blue Gain [7:0]: PGA digital gain (contrast) for Blue channel applied after the ADC. Gain = 1 + Blue Gain[7:0]/256
80h = Recommended setting for 700 mVp-p input and default Coarse Gain (default).
Green Fine Gain
Subaddress
09h
Default (80h)
7
6
5
4
3
2
1
0
Green Gain [7:0]
Green Gain [7:0]: PGA digital gain (contrast) for Green channel applied after the ADC. Gain = 1 + Green Gain[7:0]/256
80h = Recommended setting for 700 mVp-p input and default Coarse Gain (default).
Red Fine Gain
Subaddress
0Ah
Default (80h)
7
6
5
4
3
2
1
0
Red Gain [7:0]
Red Gain [7:0]: Sets PGA digital gain (contrast) for Red channel applied after the ADC. Gain = 1 + Red Gain[7:0]/256
80h = Recommended setting for 700 mVp-p input and default Coarse Gain (default).
19



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com