Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TVP7000PZP Datasheet(PDF) 21 Page - Texas Instruments

Click here to check the latest version.
Part # TVP7000PZP
Description  TRIPLE 8/10-BIT, 150/110 MSPS, VIDEO AND GRAPHICS DIGITIZER WITH ANALOG PLL
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TVP7000PZP Datasheet(HTML) 21 Page - Texas Instruments

Back Button TVP7000PZP Datasheet HTML 17Page - Texas Instruments TVP7000PZP Datasheet HTML 18Page - Texas Instruments TVP7000PZP Datasheet HTML 19Page - Texas Instruments TVP7000PZP Datasheet HTML 20Page - Texas Instruments TVP7000PZP Datasheet HTML 21Page - Texas Instruments TVP7000PZP Datasheet HTML 22Page - Texas Instruments TVP7000PZP Datasheet HTML 23Page - Texas Instruments TVP7000PZP Datasheet HTML 24Page - Texas Instruments TVP7000PZP Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 37 page
background image
www.ti.com
TVP7000
SLES143 – SEPTEMBER 2005
Sync Control 1
Subaddress
0Eh
Default (40h)
7
6
5
4
3
2
1
0
HSPO
HSIP
HSOP
AHSO
AHSS
VSOI
AVSO
AVS
HSPO: HSYNC Polarity Override
0 = Polarity determined by chip (default)
1 = Polarity set by Bit 6 in register 0Eh
HSIP: HSYNC Input Polarity
0 = Indicates input HSYNC polarity active low
1 = Indicates input HSYNC polarity active high (default)
HSOP: HSYNC Output Polarity
0 = Active low (default)
1 = Active high
AHSO: Active HSYNC Override
0 = The active interface is selected via Bit 6 in register 14h, selected by chip (default)
1 = The user can select HSYNC to be used via Bit 3
AHSS: Active HSYNC Select. The indicated HSYNC will be used only if Bit 4 is set to 1 or both syncs are active (Bits 1,7 =1 in 14h)
0 = Select HSYNC as the active sync (default)
1 = Select Sync-on-green as the active sync
VSOI: VSYNC Output Invert (relative to VSYNC IN polarity)
0 = No invert (default)
1 = Invert
AVSO: Active VSYNC Override
0 = The active interface is selected via Bit3 in register 14h, selected by chip (default)
1 = The user can select the VSYNC to be used via Bit 0
AVS: Active VSYNC select, This bit is effective when AVSO Bit 1 is set to 1.
0 = Raw VSYNC (default)
1 = Sync separated VSYNC
21



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com