Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

S24CS0 Datasheet(PDF) 26 Page - ABLIC Inc.

Part # S24CS0
Description  FOR AUTOMOTIVE 105째C OPERATION 2-WIRE SERIAL E2PROM
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABLIC [ABLIC Inc.]
Direct Link  https://www.ablic.com
Logo ABLIC - ABLIC Inc.

S24CS0 Datasheet(HTML) 26 Page - ABLIC Inc.

Back Button S24CS0 Datasheet HTML 22Page - ABLIC Inc. S24CS0 Datasheet HTML 23Page - ABLIC Inc. S24CS0 Datasheet HTML 24Page - ABLIC Inc. S24CS0 Datasheet HTML 25Page - ABLIC Inc. S24CS0 Datasheet HTML 26Page - ABLIC Inc. S24CS0 Datasheet HTML 27Page - ABLIC Inc. S24CS0 Datasheet HTML 28Page - ABLIC Inc. S24CS0 Datasheet HTML 29Page - ABLIC Inc. S24CS0 Datasheet HTML 30Page - ABLIC Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 37 page
background image
FOR AUTOMOTIVE 105
°C OPERATION 2-WIRE SERIAL E
2PROM
S-24CS01A/02A/04A H Series
Rev.3.1_03
26
8. S-24CS01A/02A/04A operation in case that the stop condition is received during write operation
before receiving the defined data value (less than 8-bit) to SCL pin
When the S-24CS01A/02A/04A receives the stop condition signal compulsorily, during receiving 1 byte of write data,
“write” operation is aborted.
When the S-24CS01A/02A/04A receives the stop condition signal after receiving 1 byte or more of data for “page
write”, 8-bit of data received normally before receiving the stop condition signal can be written.
9. S-24CS01A/02A/04A operation and write data in case that write data is input more than defined page
size at “page write”
When write data is input more than defined page size at page write operation, for example, S-24CS04A (which can be
executed 16-byte page write) is received data more than 17 byte, 8-bit data of the 17th byte is over written to the first
byte in the same page. Data over the capacity of page address cannot be written.
10. Severe environments
Absolute maximum ratings: Do not operate these ICs in excess of the absolute maximum ratings (as listed on the data
sheet). Exceeding the supply voltage rating can cause latch-up. Perform operations after confirming the detailed
operation condition in the data sheet.
Operations with moisture on the S-24CS01A/02A/04A pins may occur malfunction by short-circuit between pins.
Especially, in occasions like picking the S-24CS01A/02A/04A up from low temperature tank during the evaluation. Be
sure that not remain frost on S-24CS01A/02A/04A pin to prevent malfunction by short-circuit.
Also attention should be paid in using on environment, which is easy to dew for the same reason.
Precaution
● Do not apply an electrostatic discharge to this IC that exceeds the performance ratings of the built-in electrostatic
protect circuit.
● ABLIC Inc. claims no responsibility for any and all disputes arising out of or in connection with any infringement of the
products including this IC upon patents owned by a third party.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com