Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

S24CS0 Datasheet(PDF) 4 Page - ABLIC Inc.

Part # S24CS0
Description  FOR AUTOMOTIVE 105째C OPERATION 2-WIRE SERIAL E2PROM
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABLIC [ABLIC Inc.]
Direct Link  https://www.ablic.com
Logo ABLIC - ABLIC Inc.

S24CS0 Datasheet(HTML) 4 Page - ABLIC Inc.

  S24CS0 Datasheet HTML 1Page - ABLIC Inc. S24CS0 Datasheet HTML 2Page - ABLIC Inc. S24CS0 Datasheet HTML 3Page - ABLIC Inc. S24CS0 Datasheet HTML 4Page - ABLIC Inc. S24CS0 Datasheet HTML 5Page - ABLIC Inc. S24CS0 Datasheet HTML 6Page - ABLIC Inc. S24CS0 Datasheet HTML 7Page - ABLIC Inc. S24CS0 Datasheet HTML 8Page - ABLIC Inc. S24CS0 Datasheet HTML 9Page - ABLIC Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 37 page
background image
FOR AUTOMOTIVE 105
°C OPERATION 2-WIRE SERIAL E
2PROM
S-24CS01A/02A/04A H Series
Rev.3.1_03
4
Absolute Maximum Ratings
Table 4
Item
Symbol
Absolute Maximum Ratings
Unit
Power supply voltage
VCC
−0.3 to +7.0
V
Input voltage
VIN
−0.3 to +7.0
V
Output voltage
VOUT
−0.3 to +7.0
V
Operating ambient temperature
Topr
−40 to +105
°C
Storage temperature
Tstg
−65 to +150
°C
Caution
The absolute maximum ratings are rated values exceeding which the product
could suffer physical damage. These values must therefore not be exceeded under
any conditions.
Recommended Operating Conditions
Table 5
Item
Symbol
Conditions
−40°C to +85°C
+85°C to +105°C
Unit
Min.
Max.
Min.
Max.
Power supply voltage
VCC
Read Operation
1.8
5.5
2.55
5.5
V
Write Operation
2.55
5.5
2.55
5.5
V
High level input voltage
VIH
VCC = 4.5 V to 5.5 V
0.7
×VCC
VCC
0.7
×VCC
VCC
V
VCC = 2.55 V to 4.5 V
0.7
×VCC
VCC
0.7
×VCC
VCC
V
VCC = 1.8 V to 2.55 V
0.8
×VCC
VCC
⎯
⎯
V
Low level input voltage
VIL
VCC = 4.5 V to 5.5 V
0.0
0.3
×VCC
0.0
0.3
×VCC
V
VCC = 2.55 V to 4.5 V
0.0
0.3
×VCC
0.0
0.3
×VCC
V
VCC = 1.8 V to 2.55 V
0.0
0.2
×VCC
⎯
⎯
V
Pin Capacitance
Table 6
(Ta = 25°C, f = 1.0 MHz, VCC = 5 V)
Item
Symbol
Conditions
Min.
Max.
Unit
Input capacitance
CIN
VIN = 0 V (S-24CS01A/02A: SCL, A0, A1, A2, WP)
⎯
10
pF
VIN = 0 V (S-24CS04A: SCL, A1, A2, WP)
⎯
10
pF
Input/output capacitance
CI / O
VI / O = 0 V (SDA)
⎯
10
pF
Endurance
Table 7
Item
Symbol
Operating ambient temperature
Min.
Max.
Unit
Endurance
NW
−40°C to +85°C
10
6
⎯
cycles / word
*1
+85°C to +105°C
5
×10
5
⎯
cycles / word
*1
*1. For each address (Word: 8 bits)
Data Retention
Table 8
Item
Symbol
Operating ambient temperature
Min.
Max.
Unit
Data retention
⎯
+25°C
100
⎯
year
−40°C to +105°C
20
⎯
year



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com