Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

S-25C080AH Datasheet(PDF) 10 Page - ABLIC Inc.

Part # S-25C080AH
Description  105°C OPERATION SPI SERIAL E2PROM FOR AUTOMOTIVE
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABLIC [ABLIC Inc.]
Direct Link  https://www.ablic.com
Logo ABLIC - ABLIC Inc.

S-25C080AH Datasheet(HTML) 10 Page - ABLIC Inc.

Back Button S-25C080AH Datasheet HTML 6Page - ABLIC Inc. S-25C080AH Datasheet HTML 7Page - ABLIC Inc. S-25C080AH Datasheet HTML 8Page - ABLIC Inc. S-25C080AH Datasheet HTML 9Page - ABLIC Inc. S-25C080AH Datasheet HTML 10Page - ABLIC Inc. S-25C080AH Datasheet HTML 11Page - ABLIC Inc. S-25C080AH Datasheet HTML 12Page - ABLIC Inc. S-25C080AH Datasheet HTML 13Page - ABLIC Inc. S-25C080AH Datasheet HTML 14Page - ABLIC Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 31 page
background image
105°C OPERATION SPI SERIAL E2PROM FOR AUTOMOTIVE
S-25C080A H Series
Rev.2.3_03_C
10
Instruction Setting
Table 14 is the list of instruction for the S-25C080A. The instruction is able to be input by changing the CS pin “H” to
“L”. Input the instruction in the MSB first. Each instruction code is organized with 1-byte as shown below. If the S-
25C080A receives any invalid instruction code, the device goes in the non-select status.
Table 14 Instruction Set
Instruction
Operation
Instruction code
Address
Data
SCK input clock
1 to 8
SCK input clock
9 to 16
SCK input clock
17 to 24
SCK input clock
25 to 32
WREN
Write enable
0000 0110
−
−
−
WRDI
Write disable
0000 0100
−
−
−
RDSR
Read the status register
0000 0101
b7 to b0 output
*1
−
−
WRSR
Write in the status register
0000 0001
b7 to b0 input
−
−
READ
Read memory data
0000 0011
A15 to A8
*2
A7 to A0
D7 to D0 output
*3
WRITE
Write memory data
0000 0010
A15 to A8
*2
A7 to A0
D7 to D0 input
*1. Sequential data reading is possible.
*2. The higher addresses A15 to A10 = Don’t care.
*3. After outputting data in the specified address, data in the following address is output.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com