Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

S-25C080AH Datasheet(PDF) 23 Page - ABLIC Inc.

Part # S-25C080AH
Description  105°C OPERATION SPI SERIAL E2PROM FOR AUTOMOTIVE
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABLIC [ABLIC Inc.]
Direct Link  https://www.ablic.com
Logo ABLIC - ABLIC Inc.

S-25C080AH Datasheet(HTML) 23 Page - ABLIC Inc.

Back Button S-25C080AH Datasheet HTML 19Page - ABLIC Inc. S-25C080AH Datasheet HTML 20Page - ABLIC Inc. S-25C080AH Datasheet HTML 21Page - ABLIC Inc. S-25C080AH Datasheet HTML 22Page - ABLIC Inc. S-25C080AH Datasheet HTML 23Page - ABLIC Inc. S-25C080AH Datasheet HTML 24Page - ABLIC Inc. S-25C080AH Datasheet HTML 25Page - ABLIC Inc. S-25C080AH Datasheet HTML 26Page - ABLIC Inc. S-25C080AH Datasheet HTML 27Page - ABLIC Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 31 page
background image
105°C OPERATION SPI SERIAL E2PROM FOR AUTOMOTIVE
Rev.2.3_03_C
S-25C080A H Series
23
2. 1 Input pin
CS, SCK
Figure 20 CS , SCK Pin
SI, WP, HOLD
Figure 21 SI, WP , HOLD Pin
2. 2 Output pin
SO
VCC
Figure 22 SO Pin
3. Precaution for use
• Absolute maximum ratings: Do not operate these ICs in excess of the absolute maximum ratings (as listed on the
data sheet). Exceeding the supply voltage rating can cause latch-up. Perform operations after confirming the
detailed operation condition in the data sheet.
• Operations with moisture on the S-25C080A pins may occur malfunction by short-circuit between pins. Especially, in
occasions like picking the S-25C080A up from low temperature tank during the evaluation. Be sure that not remain
frost on the S-25C080A’s pins to prevent malfunction by short-circuit.
Also attention should be paid in using on environment, which is easy to dew for the same reason.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com