Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

S-25C080AH Datasheet(PDF) 27 Page - ABLIC Inc.

Part # S-25C080AH
Description  105°C OPERATION SPI SERIAL E2PROM FOR AUTOMOTIVE
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABLIC [ABLIC Inc.]
Direct Link  https://www.ablic.com
Logo ABLIC - ABLIC Inc.

S-25C080AH Datasheet(HTML) 27 Page - ABLIC Inc.

Back Button S-25C080AH Datasheet HTML 23Page - ABLIC Inc. S-25C080AH Datasheet HTML 24Page - ABLIC Inc. S-25C080AH Datasheet HTML 25Page - ABLIC Inc. S-25C080AH Datasheet HTML 26Page - ABLIC Inc. S-25C080AH Datasheet HTML 27Page - ABLIC Inc. S-25C080AH Datasheet HTML 28Page - ABLIC Inc. S-25C080AH Datasheet HTML 29Page - ABLIC Inc. S-25C080AH Datasheet HTML 30Page - ABLIC Inc. S-25C080AH Datasheet HTML 31Page - ABLIC Inc.  
Zoom Inzoom in Zoom Outzoom out
 27 / 31 page
background image
No.
TITLE
UNIT
ANGLE
ABLIC Inc.
mm
QTY.
4,000
2±0.5
13.5±0.5
60°
2±0.5
ø13±0.2
ø21±0.8
Enlarged drawing in the central part
SOP8J-D-Reel
No. FJ008-D-R-S1-1.0
FJ008-D-R-S1-1.0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com